Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCST25-SV-1500-U2-P1D Datasheet(PDF) 11 Page - ASM GmbH

Part # PCST25-SV-1500-U2-P1D
Description  Rod-Style Design with Analog Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCST25-SV-1500-U2-P1D Datasheet(HTML) 11 Page - ASM GmbH

Back Button PCST25-SV-1500-U2-P1D Datasheet HTML 7Page - ASM GmbH PCST25-SV-1500-U2-P1D Datasheet HTML 8Page - ASM GmbH PCST25-SV-1500-U2-P1D Datasheet HTML 9Page - ASM GmbH PCST25-SV-1500-U2-P1D Datasheet HTML 10Page - ASM GmbH PCST25-SV-1500-U2-P1D Datasheet HTML 11Page - ASM GmbH PCST25-SV-1500-U2-P1D Datasheet HTML 12Page - ASM GmbH PCST25-SV-1500-U2-P1D Datasheet HTML 13Page - ASM GmbH PCST25-SV-1500-U2-P1D Datasheet HTML 14Page - ASM GmbH PCST25-SV-1500-U2-P1D Datasheet HTML 15Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
42 [1.654]
Ø
44 [1.732]
Ø
13 [.510]
Ø
PCSTMAG3
52,5 [2.067]
Ø
13,4 [.528]
Ø
50 [1.967]
Ø
PCSTMAG6
(float, continuous
pressure up to 9 bar,
for media with a
specific gravity of
≥0,75 g/cm3)
Material: 1.4404
POSICHRON®
PCST
Magnets
Dimensions in mm [inch]
Dimensions informative only.
For guaranteed dimensions consult factory.
Other designs can be realized on request
Note: Dependent on the design the
available measurement range is
reduced of 25 mm on both ends!
Note: Dependent on the design the
available measurement range is
reduced of 25 mm on both ends!
(float, continuous
pressure up to 30 bar,
for media with a
specific gravity of
≥0,7 g/cm3)
Material: 1.4571
DB-PCST25-E-2013-11
www.asm-sensor.com
11/19
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCST25-SV-1500-U2-P1D

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST21 ASM-SENSOR-PCST21 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-100-10V-D8 ASM-SENSOR-PCST21-100-10V-D8 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-100-10V-KAB3M ASM-SENSOR-PCST21-100-10V-KAB3M Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-1000-10V-D8 ASM-SENSOR-PCST21-1000-10V-D8 Datasheet
271Kb / 8P
   Stick Design with Analog Output
PCST21-1000-10V-KAB3M ASM-SENSOR-PCST21-1000-10V-KAB3M Datasheet
271Kb / 8P
   Stick Design with Analog Output
More results

Similar Description - PCST25-SV-1500-U2-P1D

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCST24 ASM-SENSOR-PCST24 Datasheet
2Mb / 21P
   Rod-Style Design with Analog Output
PCST27 ASM-SENSOR-PCST27 Datasheet
3Mb / 21P
   Rod-Style Design with Analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCST21 ASM-SENSOR-PCST21 Datasheet
271Kb / 8P
   Stick Design with Analog Output
logo
Emcore Corporation
1764-32-BB-SC-10 EMCORE-1764-32-BB-SC-10 Datasheet
765Kb / 6P
   Advanced Analog Chip Design
logo
ASM GmbH
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
logo
Banner Engineering Corp...
T30UX BANNER-T30UX Datasheet
583Kb / 11P
   T30UX Series with Analog Output
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
logo
Endress+Hauser Group Se...
CPS71D EH-CPS71D Datasheet
462Kb / 16P
   pH single-rod measuring cells, analog or with digital Memosens technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com