Electronic Components Datasheet Search |
|
PCST25-Z3-1500-U2-P1D Datasheet(PDF) 4 Page - ASM GmbH |
|
PCST25-Z3-1500-U2-P1D Datasheet(HTML) 4 Page - ASM GmbH |
4 / 19 page PCSTMAG... KAB-...M-M12/5F/G-M12/5M/G-CAN PCST25 Specifications Output CANopen bus; CAN SAE J1939 Resolution 50 µm Sampling rate Up to 1 kHz, depending on the measurement range Linearity Ranges >500 mm: L10 = ±0.10 % f.s. L02 = ±0.02 % f.s. Ranges ≤500 mm: L10 = ±0.5 mm L02MM = ±0.2 mm Repeatability ±3 µm Housing material Sensor rod: stainless steel 1.4404, head: AlMgSi Mounting Thread M18x1,5 / thread ¾ inch / plug-in mounting Working pressure 400 bar, other values on request Protection class IP67 (optional IP67/IP69K) Shock EN 60068-2-27:2010, 50 g/11 ms, 100 shocks Vibration EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles Connection Cable (length 0.3 m) with 5-pin connector M12 EMC, temperature Refer to output specification POSICHRON® rod-style position sensor • Forhydrauliccylinders,fluidlevelmeasurement • ProtectionclassuptoIP67/IP69K • Measurementrange0...100to0...5750mm • Absolutepositionmeasurement • Contactless • CANOutputor CANSAEJ1939output POSICHRON® PCST25 Rod-Style Design with CAN Output Ordercodebuscable(see page 19) Ordercodepositionmagnet(see page 7-11) Orderexample:PCST25-M18-2500-CANOP-L10-KAB0,3M-M12/CAN OrdercodePCST25 Modelname Mounting M18 = Thread M18 x 1,5 Z3/4 = Thread ¾ "-16UNF SV = Plug-in version Measurementrange(inmm) 100 ... 5750 (in 10 mm increments) other ranges on request Output CANOP = CANopen bus CANOP/R = CANopen bus with integrated terminating resistor CANJ1939 = CAN SAE J1939 Linearity L02 / L02MM / L10 (for definition see "Specifications" above) Connection KAB0,3M-M12/CAN = Cable (length 0.3 m) with 5-pin connector M12 DB-PCST25-E-2013-11 www.asm-sensor.com 4/19 © ASM GmbH info@asm-sensor.com |
Similar Part No. - PCST25-Z3-1500-U2-P1D |
|
Similar Description - PCST25-Z3-1500-U2-P1D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |