Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WB61-3500-L1-D-BAB1 Datasheet(PDF) 10 Page - ASM GmbH

Part # WB61-3500-L1-D-BAB1
Description  Analog Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB61-3500-L1-D-BAB1 Datasheet(HTML) 10 Page - ASM GmbH

Back Button WB61-3500-L1-D-BAB1 Datasheet HTML 6Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 7Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 8Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 9Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 10Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 11Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 12Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 13Page - ASM GmbH WB61-3500-L1-D-BAB1 Datasheet HTML 14Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
DB-WB61-E-2013-11
10/17
© ASM GmbH
www.asm-sensor.com
MSSI
Synchronous serial SSI
Interface
EIA RS-422
Excitation voltage
8 ... 36 V DC
Excitation current
typ. 19 mA at 24 V DC
typ. 35 mA at 12 V DC
max. 80 mA
Clock frequency
100 kHz ... 500 kHz
Code
Gray-Code, continuous progression
Delay between pulse trains
20 µs min.
Stability (temperature)
±50 x 10-6 / °C f.s. (typical)
Operating temperature
-40 ... +85 °C
Protection
Short circuit
EMC
EN 61326-1:2013
DATA
DATA
CLOCK
CLOCK
Recommended
processingcircuit
Note:
Extension of the cable length will reduce
the maximum transmission rate.
View to sensor
connector
Transmission
rate
Cablelength
Baudrate
50 m
100-400 kHz
100 m
100-300 kHz
Dataformat
(train of 26 pulses)
Signalwiring/
Connection
Signal
Connector
Pin
Cablewire
color
Excitation +
1
white
Excitation GND
2
brown
CLOCK
3
green
CLOCK
4
yellow
DATA
5
grey
DATA
6
pink
7
blu
8
red
POSITAPE®
MSSI
DigitaloutputSSI


Similar Part No. - WB61-3500-L1-D-BAB1

ManufacturerPart #DatasheetDescription
logo
Lumberg
WB61 LUMBERG-WB61 Datasheet
558Kb / 3P
   DIN circular connectors
More results

Similar Description - WB61-3500-L1-D-BAB1

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WB21 ASM-SENSOR-WB21 Datasheet
1Mb / 21P
   Analog Output
WB100M ASM-SENSOR-WB100M Datasheet
1Mb / 16P
   Analog Output
WS100M ASM-SENSOR-WS100M Datasheet
1Mb / 6P
   Analog Output
WS31C ASM-SENSOR-WS31C Datasheet
408Kb / 11P
   analog output
WB85 ASM-SENSOR-WB85 Datasheet
787Kb / 17P
   Analog Output
WB10ZG ASM-SENSOR-WB10ZG Datasheet
1Mb / 16P
   Analog Output
WB12 ASM-SENSOR-WB12 Datasheet
1Mb / 18P
   Analog Output
logo
Contec Co., Ltd
CPS-AO-1604LI CONTEC-CPS-AO-1604LI Datasheet
426Kb / 2P
   Analog Output Module
CPSN-AO-1602LC CONTEC-CPSN-AO-1602LC Datasheet
430Kb / 4P
   Analog Output Module
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com