Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WB10ZG-2000-U8-D-BAB1 Datasheet(PDF) 4 Page - ASM GmbH

Part # WB10ZG-2000-U8-D-BAB1
Description  Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB10ZG-2000-U8-D-BAB1 Datasheet(HTML) 4 Page - ASM GmbH

  WB10ZG-2000-U8-D-BAB1 Datasheet HTML 1Page - ASM GmbH WB10ZG-2000-U8-D-BAB1 Datasheet HTML 2Page - ASM GmbH WB10ZG-2000-U8-D-BAB1 Datasheet HTML 3Page - ASM GmbH WB10ZG-2000-U8-D-BAB1 Datasheet HTML 4Page - ASM GmbH WB10ZG-2000-U8-D-BAB1 Datasheet HTML 5Page - ASM GmbH WB10ZG-2000-U8-D-BAB1 Datasheet HTML 6Page - ASM GmbH WB10ZG-2000-U8-D-BAB1 Datasheet HTML 7Page - ASM GmbH WB10ZG-2000-U8-D-BAB1 Datasheet HTML 8Page - ASM GmbH WB10ZG-2000-U8-D-BAB1 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
WB10ZG
BAB1
DB-WB10ZG-E-2013-11
4/16
© ASM GmbH
www.asm-sensor.com
POSITAPE®
WB10ZG
Digital output CANopen
Order example: WB10ZG - 2000 - MCANOP - L10 - M12/CAN - BAB1
Order code connector cable see page 15
Specifications
Outputs
CANopen or CAN SAE J1939
Resolution
setting via CAN Bus
Linearity
±0.10 % f. s. (standard); optional ±0.05 %
Sensing device
Magnetic absolute encoder
Material
Zinc diecast, aluminium, plastic and stainless steel;
Tape: stainless steel, 10 mm wide, 0.08 mm thick
Protection class
IP65 (with mating connector only)
Connection
Connector M12, 5 pin
Shock
EN 60068-2-27:2010, 100 g/11 ms, 100 shocks
Vibration
EN 60068-2-6:2008, 20 g 10 Hz-2 kHz, 10 cycles
Temperature range
-20 ... +85 °C
Position sensor with measuring tape
Measurement range up to 2000 mm
Protection class IP65
Stainless steel measuring tape
Digital output CANopen or CAN SAE J1939
Order code WB10ZG
Model name
Measurement range (in mm)
1000 / 2000
Output
MCANOP
= CANopen
MCANJ1939= CAN SAE J1939
Linearity
L10 = 0.10% (standard)
L05 = 0.05% (optional)
Connection
M12/CAN
= Connector M12, 5 pin
Dust wiper
BAB1


Similar Part No. - WB10ZG-2000-U8-D-BAB1

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
WB100FC120AL WEEN-WB100FC120AL Datasheet
252Kb / 7P
   Hyperfast power diode - Bare die
logo
ASM GmbH
WB100M ASM-SENSOR-WB100M Datasheet
1Mb / 16P
   Analog Output
WB100M-10000-L1-A-BAB1 ASM-SENSOR-WB100M-10000-L1-A-BAB1 Datasheet
1Mb / 16P
   Analog Output
WB100M-10000-L1-D-BAB1 ASM-SENSOR-WB100M-10000-L1-D-BAB1 Datasheet
1Mb / 16P
   Analog Output
WB100M-10000-U2-A-BAB1 ASM-SENSOR-WB100M-10000-U2-A-BAB1 Datasheet
1Mb / 16P
   Analog Output
More results

Similar Description - WB10ZG-2000-U8-D-BAB1

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WB61 ASM-SENSOR-WB61 Datasheet
1,020Kb / 17P
   Analog Output
WB21 ASM-SENSOR-WB21 Datasheet
1Mb / 21P
   Analog Output
WB100M ASM-SENSOR-WB100M Datasheet
1Mb / 16P
   Analog Output
WS100M ASM-SENSOR-WS100M Datasheet
1Mb / 6P
   Analog Output
WS31C ASM-SENSOR-WS31C Datasheet
408Kb / 11P
   analog output
WB85 ASM-SENSOR-WB85 Datasheet
787Kb / 17P
   Analog Output
WB12 ASM-SENSOR-WB12 Datasheet
1Mb / 18P
   Analog Output
logo
Contec Co., Ltd
CPS-AO-1604LI CONTEC-CPS-AO-1604LI Datasheet
426Kb / 2P
   Analog Output Module
CPSN-AO-1602LC CONTEC-CPSN-AO-1602LC Datasheet
430Kb / 4P
   Analog Output Module
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com