Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT62SCMD12 Datasheet(PDF) 4 Page - Cree, Inc

Part # PT62SCMD12
Description  Dual 1200V SIC MOSFET driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PT62SCMD12 Datasheet(HTML) 4 Page - Cree, Inc

  PT62SCMD12 Datasheet HTML 1Page - Cree, Inc PT62SCMD12 Datasheet HTML 2Page - Cree, Inc PT62SCMD12 Datasheet HTML 3Page - Cree, Inc PT62SCMD12 Datasheet HTML 4Page - Cree, Inc PT62SCMD12 Datasheet HTML 5Page - Cree, Inc PT62SCMD12 Datasheet HTML 6Page - Cree, Inc PT62SCMD12 Datasheet HTML 7Page - Cree, Inc PT62SCMD12 Datasheet HTML 8Page - Cree, Inc PT62SCMD12 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Datasheet PT62SCMD12 SIC MOSFET driver R08
15 September 2014
© 2014 Prodrive Technologies B.V.
4 of 12
1.3. Protections
1.3.1. Under Voltage Lock Out (UVLO)
Both secondary sides are equipped with an UVLO indirectly monitoring the gate voltages.
Table 1-8, UVLO
Item
Description
Min
Typ
Max
Unit
Remarks
VUVLO,SEC
Secondary side under voltage lock out
16
18
-
[V]
Only positive
voltage is
monitored
The primary side is equipped with an UVLO and an OVLO (Over Voltage Lock Out) monitoring an
internally generated supply voltage.
1.3.2. Dead-time generator
The driver has an on-board dead-time generator which overrules the input signals when the dead-
time of the applied PWM signals (tDEAD,IN) becomes larger than the set dead-time (tDEAD,PROG). Note
that when the dead-time generator has to intervene, the jitter increases to a maximum of 10ns.
The dead time is by default set at 500ns, but can be changed by modifying R901 and R902. See
chapter 4 for application information.
Table 1-9 Dead time settings
R901
R902
tDEAD
unit
Remarks
not assembled
not assembled
1000
[ns]
-
not assembled
assembled
500
[ns]
Default setting
assembled
not assembled
250
[ns]
-
assembled
assembled
-
[ns]
Dead time disabled
1.3.3. Over Current Protection (OCP)
The driver features VDS monitoring for protecting the modules against overcurrent. Both the
blanking time (time the monitor is not-active when switching on), as the VDS level (proportional with
IDS) is user-adjustable.
Table 1-10 VDS monitoring
Item
Description
Min
Typ
Max
Unit
Remarks
VDS,TRIP
Default VDS trip level PT62SCMD12
-
4
-
[V]
See Figure 1-6
tBLANKING
Default Blanking time
0.75
1
1.25
[us]
tSHUTDOWN
Delay between a detected over current
and a shutdown of the driver
-
-
1
[us]
tSTATUS
Delay between an over current
protection and a low going STATUS at
the primary side.
-
-
100
[us]
-


Similar Part No. - PT62SCMD12

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PT62SCMD17 CREE-PT62SCMD17 Datasheet
1,015Kb / 12P
   Dual 1700V SIC MOSFET driver
More results

Similar Description - PT62SCMD12

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGD15FB45P CREE-CGD15FB45P Datasheet
1Mb / 6P
   Six Channel SiC MOSFET Driver Gate Driver for 1200V SiC MOSFET Power Module
PT62SCMD17 CREE-PT62SCMD17 Datasheet
1,015Kb / 12P
   Dual 1700V SIC MOSFET driver
CGD15HB62P1 CREE-CGD15HB62P1 Datasheet
951Kb / 6P
   Gate Driver for 1200V, 62mm SiC MOSFET Power Module
logo
Infineon Technologies A...
AIMW120R060M1H INFINEON-AIMW120R060M1H Datasheet
812Kb / 17P
   CoolSiC??Automotive 1200V SiC Trench MOSFET 1200V G1 Silicon Carbide MOSFET
v01_00 2021-03-09
AIMW120R035M1H INFINEON-AIMW120R035M1H Datasheet
867Kb / 17P
   CoolSiC??Automotive 1200V SiC Trench MOSFET 1200V G1 Silicon Carbide MOSFET
v01_00 2021-03-09
IMZ120R140M1H INFINEON-IMZ120R140M1H Datasheet
1Mb / 17P
   CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMW120R140M1H INFINEON-IMW120R140M1H Datasheet
1Mb / 17P
   CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
logo
UN Semiconducctor INC
UNC1K207N043-T47 UNSEMI-UNC1K207N043-T47 Datasheet
3Mb / 9P
   N-Channel Silicon Carbide MOSFET 1200V SiC MOSFET
Revision March 1,2022
logo
Infineon Technologies A...
IMW120R350M1H INFINEON-IMW120R350M1H Datasheet
1Mb / 17P
   CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMW120R090M1H INFINEON-IMW120R090M1H Datasheet
1Mb / 17P
   CoolSiC??1200V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com