Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR6-7L-40K-GU24-E26 Datasheet(PDF) 1 Page - Cree, Inc

Part # LR6-7L-40K-GU24-E26
Description  LED Downlight
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LR6-7L-40K-GU24-E26 Datasheet(HTML) 1 Page - Cree, Inc

  LR6-7L-40K-GU24-E26 Datasheet HTML 1Page - Cree, Inc LR6-7L-40K-GU24-E26 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
5.17"
(131mm)
5.74"
(146mm)
7.46"
(190mm)
277V Connector
5.17"
(131mm)
5.74"
(146mm)
7.46"
(190mm)
Edison E-26 Thread
1.545"
(39mm)
ø1.535"
(39mm)
120V GU24
* Actual lumens vary based on color temperature
** LR6 must be ordered in Master Carton quantities of 5
LR6
Series
Initial Delivered Lumens*
CCT
Voltage
Base Type
LR6**
7L
7.5W, 650 lumens - 87 LPW
10L
10.5W, 1,050 lumens - 100 LPW
18L
22W, 1,800 lumens - 82 LPW
27K
2700K
35K
3500K
40K
4000K
Blank
120 Volts
277V
277 Volts
Blank
277V Connector
- Must be used with Cree six-inch 277V housings (see Housings table above)
GU24
- GU24 base
- Available only with LR6-10L and LR6-18L
GU24-E26
- GU24 base w/Edison adaptor
- Available only with the LR6-7L
LR6 Series
LR6™ LED Downlight - 6"
Rev. Date: V3 09/01/2015
Product Description
The LR6™ downlight is an unparalleled combination of light quality and efficacy – bringing outstanding
performance and value to the retrofit downlight space. Delivering up to 1800 lumens of exceptional 90+ CRI
light while achieving up to 100 lumens per watt, this breakthrough performance is achieved by combining
the high efficacy and high-quality light of Cree TrueWhite® Technology, with an integrated driver and thermal
management design. The LR6™ downlight is available in warm or neutral color temperatures, three lumen
packages, and offers a variety of trim options.
Applications: Commercial new construction and retrofit
Utilizes Cree TrueWhite® Technology
Initial Delivered Lumens: 650-1,800 lumens
Input Power: 7.5-22 watts
CRI: 90
CCT: 2700K, 3500K, 4000K
Limited Warranty: 10 years
Lifetime: Designed to last 50,000 hours
Dimming: Dimmable to 5%
Must order in multiples of master carton (MC) quantities of 5
Performance Summary
Housings
120V GU24 Base Recessed Housings
H6-GU24
- Architectural new construction
RC6-GU24
- New construction
RR6-GU24
- Retrofit
120V GU24 Base Surface Mount Housings
SC6-GU24
- Textured white finish
SC6-BL-GU24
- Textured black finish
120V GU24 Base Cord Mount Housings
SC6-CM-GU24
- Textured white finish
SC6-CM-BL-GU24
-Textured black finish
120V GU24 Base Wall Mount Housings
SC6-WM-GU24
- Textured white finish
277V Recessed Housings
H6-277V
- Architectural new construction
RC6-277V
- New construction
RR6-277V
- Retrofit
277V Surface Mount Housings
SC6-277V
- Textured white finish
SC6-BL-277V
- Textured black finish
277V Cord Mount Housings
SC6-CM-277V
- Textured white finish
SC6-CM-BL-277V
-Textured black finish
277V Wall Mount Housings
SC6-WM-277V
- Textured white finish
Trims
LT6A-DR
Diffuse anodized reflector w/white flange
LT6AW-DR
Wheat diffuse anodized reflector w/white flange
LT6AP-DR
Pewter diffuse anodized reflector w/white flange
LT6AB-DR
Black anodized reflector w/white flange
LT6WH-DR
Smooth white painted reflector/flange
LT6BB-DR
Flat black reflector/flange
Housings & Trims
Reference Housing & Accessory documents for more details.
See www.cree.com/lighting/products/warranty for warranty terms
Ordering Information
Example: LR6-7L-27K-GU24-E26
Edison Adaptor
included with GU24-E26
Base Type (LR6-7L only)


Similar Part No. - LR6-7L-40K-GU24-E26

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LR6-10L-27K-120V-A-DR CREE-LR6-10L-27K-120V-A-DR Datasheet
399Kb / 2P
   LED Downlight
LR6-10L-30K-120V-A-DR CREE-LR6-10L-30K-120V-A-DR Datasheet
399Kb / 2P
   LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
   LED Downlight
LR6-10L-40K-120V-A-DR CREE-LR6-10L-40K-120V-A-DR Datasheet
399Kb / 2P
   LED Downlight
LR6-18L-27K-120V-A-DR CREE-LR6-18L-27K-120V-A-DR Datasheet
397Kb / 2P
   LED Downlight
More results

Similar Description - LR6-7L-40K-GU24-E26

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
LR6 CREE-LR6 Datasheet
409Kb / 2P
   LED Downlight
LR6-18L-35K-120V-A-DR CREE-LR6-18L-35K-120V-A-DR Datasheet
397Kb / 2P
   LED Downlight
LR6-10L-35K-120V-A-DR CREE-LR6-10L-35K-120V-A-DR Datasheet
399Kb / 2P
   LED Downlight
LR4 CREE-LR4 Datasheet
424Kb / 2P
   Architectural LED Downlight
logo
P-tec Corporation
PLSO-LVDL13W-90 P-TEC-PLSO-LVDL13W-90 Datasheet
191Kb / 2P
   Dimmable LED Downlight
logo
Cree, Inc
CR6-625L-27K-12-E26 CREE-CR6-625L-27K-12-E26 Datasheet
524Kb / 2P
   CR6 LED Downlight - 6
LR6-DR650 CREE-LR6-DR650 Datasheet
506Kb / 2P
   Deep Recess LED Downlight
logo
Dialight Corporation
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
   DuroSite짰 Series LED Downlight
RTO2W07001 DIALIGHT-RTO2W07001 Datasheet
147Kb / 2P
   SafeSite짰 Series LED Downlight
logo
Cree, Inc
LE6 CREE-LE6 Datasheet
751Kb / 2P
   6 Adjustable LED Downlight
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com