Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WB10ZG-1000-L1-A-BAB1 Datasheet(PDF) 10 Page - ASM GmbH

Part # WB10ZG-1000-L1-A-BAB1
Description  Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB10ZG-1000-L1-A-BAB1 Datasheet(HTML) 10 Page - ASM GmbH

Back Button WB10ZG-1000-L1-A-BAB1 Datasheet HTML 6Page - ASM GmbH WB10ZG-1000-L1-A-BAB1 Datasheet HTML 7Page - ASM GmbH WB10ZG-1000-L1-A-BAB1 Datasheet HTML 8Page - ASM GmbH WB10ZG-1000-L1-A-BAB1 Datasheet HTML 9Page - ASM GmbH WB10ZG-1000-L1-A-BAB1 Datasheet HTML 10Page - ASM GmbH WB10ZG-1000-L1-A-BAB1 Datasheet HTML 11Page - ASM GmbH WB10ZG-1000-L1-A-BAB1 Datasheet HTML 12Page - ASM GmbH WB10ZG-1000-L1-A-BAB1 Datasheet HTML 13Page - ASM GmbH WB10ZG-1000-L1-A-BAB1 Datasheet HTML 14Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DB-WB10ZG-E-2013-11
10/16
© ASM GmbH
www.asm-sensor.com
MCANOP
CANopen
Communication profile
CANopen CiA 301 V 4.02, Slave
Encoder profile
Encoder CiA 406 V 3.2
Error Control
Node Guarding, Heartbeat, Emergency Message
Node ID
Adjustable via LSS; default: 127
PDO
3 TxPDO, 0 RxPDO, no linking, static mapping
PDO Modes
Event-/Time triggered, Remote-request,
Sync cyclic/acyclic
SDO
1 server, 0 client
CAM
2 cams
Certified
Yes
Transmission rates
50 kbit to 1 Mbit, adjustable via LSS;
default: 125 kbit
Bus connection
M12 connector, 5 pins
Integrated bus terminating resistor
120Ω adjustable by the customer
Bus, galvanic isolated
No
Specifications
Excitation voltage
8 ... 36 V DC
Excitation current
typ. 20 mA at 24 V
typ. 40 mA at 12 V
max. 80 mA
Measuring rate
1 kHz (asynchronous)
Stability (temperature)
±50 x 10-6 / °C f.s.
Repeatability
1 LSB
Operating temperature
See specification of the respective sensor
Protection
Reverse polarity, short circuit
Dielectric strength
1 kV (V AC, 50 Hz, 1 min.)
EMC
EN 61326-1:2013
POSITAPE®
MCANOP
Output CANopen
Signal wiring/
connection
Signal name
Connector pin no.
Shield
1
Excitation +
2
GND
3
CAN-H
4
CAN-L
5
View to sensor
connector


Similar Part No. - WB10ZG-1000-L1-A-BAB1

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
WB100FC120AL WEEN-WB100FC120AL Datasheet
252Kb / 7P
   Hyperfast power diode - Bare die
logo
ASM GmbH
WB100M ASM-SENSOR-WB100M Datasheet
1Mb / 16P
   Analog Output
WB100M-10000-L1-A-BAB1 ASM-SENSOR-WB100M-10000-L1-A-BAB1 Datasheet
1Mb / 16P
   Analog Output
WB100M-10000-L1-D-BAB1 ASM-SENSOR-WB100M-10000-L1-D-BAB1 Datasheet
1Mb / 16P
   Analog Output
WB100M-10000-U2-A-BAB1 ASM-SENSOR-WB100M-10000-U2-A-BAB1 Datasheet
1Mb / 16P
   Analog Output
More results

Similar Description - WB10ZG-1000-L1-A-BAB1

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WB61 ASM-SENSOR-WB61 Datasheet
1,020Kb / 17P
   Analog Output
WB21 ASM-SENSOR-WB21 Datasheet
1Mb / 21P
   Analog Output
WB100M ASM-SENSOR-WB100M Datasheet
1Mb / 16P
   Analog Output
WS100M ASM-SENSOR-WS100M Datasheet
1Mb / 6P
   Analog Output
WS31C ASM-SENSOR-WS31C Datasheet
408Kb / 11P
   analog output
WB85 ASM-SENSOR-WB85 Datasheet
787Kb / 17P
   Analog Output
WB12 ASM-SENSOR-WB12 Datasheet
1Mb / 18P
   Analog Output
logo
Contec Co., Ltd
CPS-AO-1604LI CONTEC-CPS-AO-1604LI Datasheet
426Kb / 2P
   Analog Output Module
CPSN-AO-1602LC CONTEC-CPSN-AO-1602LC Datasheet
430Kb / 4P
   Analog Output Module
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com