Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRAS5-K-345-U2-CCW Datasheet(PDF) 11 Page - ASM GmbH

Part # PRAS5-K-345-U2-CCW
Description  Magnetic Angle Sensor with Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS5-K-345-U2-CCW Datasheet(HTML) 11 Page - ASM GmbH

Back Button PRAS5-K-345-U2-CCW Datasheet HTML 7Page - ASM GmbH PRAS5-K-345-U2-CCW Datasheet HTML 8Page - ASM GmbH PRAS5-K-345-U2-CCW Datasheet HTML 9Page - ASM GmbH PRAS5-K-345-U2-CCW Datasheet HTML 10Page - ASM GmbH PRAS5-K-345-U2-CCW Datasheet HTML 11Page - ASM GmbH PRAS5-K-345-U2-CCW Datasheet HTML 12Page - ASM GmbH PRAS5-K-345-U2-CCW Datasheet HTML 13Page - ASM GmbH PRAS5-K-345-U2-CCW Datasheet HTML 14Page - ASM GmbH PRAS5-K-345-U2-CCW Datasheet HTML 15Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
InterfaceJ1939
CAN specification
ISO 11898, Basic and Full CAN 2.0 B
Transceiver
24V-compliant, not isolated
Communication profile
SAE J1939
Baud rate
250 kbit/s
Internal temination resistor
120 Ω
Address
Default 247d, configurable
NAMEFields
Arbitrary address capable
1
Yes
Industry group
0
Global
Vehicle system
7Fh (127d)
Non specific
Vehicle system instance
0
Function
FFh (255d)
Non specific
Function instance
0
ECU instance
0
Manufacturer
145h (325d)
Manufacturer ID
Identity number
0nnn
Serial number 21 bit
ParameterGroup
Numbers(PGN)
Configuration data
PGN EF00h
Proprietary-A
(PDU1 peer-to-peer)
Process data
PGN FFnnh
Proprietary-B
(PDU2 broadcast);
nn Group Extension (PS)
configurable
ASM
CAT-PR/PT-E-12
51
www.asm-sensor.com
Specifications
Excitation voltage
8 ... 36 V DC
Excitation current
Typ. 15/30 mA for 24/12 V, max. 100 mA
Measuring rate
1 kHz (asynchronous)
Stability (temperature)
±50 x 10-6 / °C f.s.
Repeatability
1 LSB
Operating temperature
-40 ... +105 °C
Protection
Reverse polarity, short circuit
Dielectric strength
1 kV (V AC, 50 Hz, 1 min.)
EMC
EN61326-1:2006
POSIROT®
PRDS
OutputCANSAEJ1939
Description
Angle encoder according to standard SAE J1939. Customer configuration of operating para-
meters by Peer-to-Peer. Process data exchange by Broadcast message. Node-Id distribution
by address claiming (ACL).
View to sensor connector
Signalwiring/
connection
Signalname
Connectorpin
Wirecolor
Shield
1
Black+grey
Excitation +
2
White
GND
3
Brown
CAN-H
4
Green
CAN-L
5
Yellow


Similar Part No. - PRAS5-K-345-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-L1-CCW ASM-SENSOR-PRAS5EX-K-15-L1-CCW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-L1-CW ASM-SENSOR-PRAS5EX-K-15-L1-CW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-U2-CCW ASM-SENSOR-PRAS5EX-K-15-U2-CCW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-U2-CW ASM-SENSOR-PRAS5EX-K-15-U2-CW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
More results

Similar Description - PRAS5-K-345-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com