Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRAS5-K-45-U2-CCW Datasheet(PDF) 10 Page - ASM GmbH

Part # PRAS5-K-45-U2-CCW
Description  Magnetic Angle Sensor with Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS5-K-45-U2-CCW Datasheet(HTML) 10 Page - ASM GmbH

Back Button PRAS5-K-45-U2-CCW Datasheet HTML 6Page - ASM GmbH PRAS5-K-45-U2-CCW Datasheet HTML 7Page - ASM GmbH PRAS5-K-45-U2-CCW Datasheet HTML 8Page - ASM GmbH PRAS5-K-45-U2-CCW Datasheet HTML 9Page - ASM GmbH PRAS5-K-45-U2-CCW Datasheet HTML 10Page - ASM GmbH PRAS5-K-45-U2-CCW Datasheet HTML 11Page - ASM GmbH PRAS5-K-45-U2-CCW Datasheet HTML 12Page - ASM GmbH PRAS5-K-45-U2-CCW Datasheet HTML 13Page - ASM GmbH PRAS5-K-45-U2-CCW Datasheet HTML 14Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
50
CAT-PR/PT-E-12
ASM
www.asm-sensor.com
POSIROT®
PRDS
OutputCANopen
Description
Magnetic angle encoder with CANopen interface according to CiA 406.
CANopen
Communication profile
CANopen CiA 301 V 4.02, Slave
Device profile
Encoder CiA 406 V 3.2
Configuration services
Layer Setting Service (LSS), CiA Draft Standard 305 (transmis-
sion rate, node id)
Error Control
Node Guarding, Heartbeat, Emergency Message
Node ID
Default: 127; programmable via LSS or SDO
PDO
3 TxPDO, 0 RxPDO, static mapping
PDO Modes
Event-/Time triggered, Remote-request, Sync cyclic/acyclic
SDO
1 server, 0 Client
CAM
8 cams
Certified
Yes
Transmission rates
50 kBaud to 1 MBaud, default: 125 kBaud;
programmable via LSS or SDO
Bus connection
M12 connector, 5 ping
Integrated bus terminating
resistor
Optional
Bus, galvanic isolated
No
Specifications
Excitation voltage
8 ... 36 V DC
Excitation current
Typ. 15/30 mA for 24/12 V, max. 100 mA
Measuring rate
1 kHz (asynchronous)
Stability (temperature)
±50 x 10-6 / °C f.s.
Repeatability
1 LSB
Operating temperature
-40 ... +105 °C
Protection
Reverse polarity, short circuit
Dielectric strength
1 kV (V AC, 50 Hz, 1 min.)
EMC Automation
EN61326-1:2006


Similar Part No. - PRAS5-K-45-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-L1-CCW ASM-SENSOR-PRAS5EX-K-15-L1-CCW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-L1-CW ASM-SENSOR-PRAS5EX-K-15-L1-CW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-U2-CCW ASM-SENSOR-PRAS5EX-K-15-U2-CCW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS5EX-K-15-U2-CW ASM-SENSOR-PRAS5EX-K-15-U2-CW Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
More results

Similar Description - PRAS5-K-45-U2-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com