Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WB12-375-U8-A-BAB1 Datasheet(PDF) 8 Page - ASM GmbH

Part # WB12-375-U8-A-BAB1
Description  Analog Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WB12-375-U8-A-BAB1 Datasheet(HTML) 8 Page - ASM GmbH

Back Button WB12-375-U8-A-BAB1 Datasheet HTML 4Page - ASM GmbH WB12-375-U8-A-BAB1 Datasheet HTML 5Page - ASM GmbH WB12-375-U8-A-BAB1 Datasheet HTML 6Page - ASM GmbH WB12-375-U8-A-BAB1 Datasheet HTML 7Page - ASM GmbH WB12-375-U8-A-BAB1 Datasheet HTML 8Page - ASM GmbH WB12-375-U8-A-BAB1 Datasheet HTML 9Page - ASM GmbH WB12-375-U8-A-BAB1 Datasheet HTML 10Page - ASM GmbH WB12-375-U8-A-BAB1 Datasheet HTML 11Page - ASM GmbH WB12-375-U8-A-BAB1 Datasheet HTML 12Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
U2
U8
I1
DB-WB12-E-2013-11
8/18
© ASM GmbH
www.asm-sensor.com
POSITAPE®
U2, U8 and I1
Analog output
U2
Voltage output
0.5 ... 10 V
Excitation voltage
10 ... 36 V DC
Excitation current
typ. 20 mA at 24 V DC
typ. 20 mA at 24 V DC
max. 60 mA
Output voltage
0,5 ... 10 V DC
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6/°C f.s. (typ.)
Protection
Reverse polarity, short circuit
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
I1
Current output
4 ... 20 mA, 3 wire
Excitation voltage
10 ... 36 V DC
Excitation current
typ. 36 mA at 24 V DC
typ. 70 mA at 12 V DC
max. 100 mA
Load R
L
500 Ω max.
Output current
4 ... 20 mA
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6/°C f.s. (typ.)
Protection
Reverse polarity, short circuit
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
U8
Voltage output
0.5 ... 4.5 V
Excitation voltage
10 ... 36 V DC
Excitation current
typ. 17 mA at 24 V DC
typ. 32mA at 12 V DC
max. 60 mA
Output voltage
0,5 ... 4,5 V DC
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±50 x 10-6/°C f.s. (typ.)
Protection
Reverse polarity, short circuit
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
Output signals
Excitation +
GND
Signal +
Signal wiring/
connection
Output signal
Connector
pin
Cable wire
color
Excitation +
1
brown
Signal
2
white
GND
3
blue
Do not connect!
4
black
Do not connect!
5
(grey)
View to sensor
connector


Similar Part No. - WB12-375-U8-A-BAB1

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
WB12L-DA NKK-WB12L-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
WB12L-DB NKK-WB12L-DB Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
WB12L-DC NKK-WB12L-DC Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
WB12L-DD NKK-WB12L-DD Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
WB12L-DE NKK-WB12L-DE Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
More results

Similar Description - WB12-375-U8-A-BAB1

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WB61 ASM-SENSOR-WB61 Datasheet
1,020Kb / 17P
   Analog Output
WB21 ASM-SENSOR-WB21 Datasheet
1Mb / 21P
   Analog Output
WB100M ASM-SENSOR-WB100M Datasheet
1Mb / 16P
   Analog Output
WS100M ASM-SENSOR-WS100M Datasheet
1Mb / 6P
   Analog Output
WS31C ASM-SENSOR-WS31C Datasheet
408Kb / 11P
   analog output
WB85 ASM-SENSOR-WB85 Datasheet
787Kb / 17P
   Analog Output
WB10ZG ASM-SENSOR-WB10ZG Datasheet
1Mb / 16P
   Analog Output
logo
Contec Co., Ltd
CPS-AO-1604LI CONTEC-CPS-AO-1604LI Datasheet
426Kb / 2P
   Analog Output Module
CPSN-AO-1602LC CONTEC-CPSN-AO-1602LC Datasheet
430Kb / 4P
   Analog Output Module
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com