Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAM27-1-180-U8-CW Datasheet(PDF) 7 Page - ASM GmbH

Part # PTAM27-1-180-U8-CW
Description  Universal MEMS Inclination Sensor with Analog Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM27-1-180-U8-CW Datasheet(HTML) 7 Page - ASM GmbH

  PTAM27-1-180-U8-CW Datasheet HTML 1Page - ASM GmbH PTAM27-1-180-U8-CW Datasheet HTML 2Page - ASM GmbH PTAM27-1-180-U8-CW Datasheet HTML 3Page - ASM GmbH PTAM27-1-180-U8-CW Datasheet HTML 4Page - ASM GmbH PTAM27-1-180-U8-CW Datasheet HTML 5Page - ASM GmbH PTAM27-1-180-U8-CW Datasheet HTML 6Page - ASM GmbH PTAM27-1-180-U8-CW Datasheet HTML 7Page - ASM GmbH PTAM27-1-180-U8-CW Datasheet HTML 8Page - ASM GmbH PTAM27-1-180-U8-CW Datasheet HTML 9Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NAMEFields
Arbitrary address capable
1
Yes
Industry group
0
Global
Vehicle system
7Fh (127d)
Non specific
Vehicle system instance
0
Function
FFh (255d)
Non specific
Function instance
0
ECU instance
0
Manufacturer
145h (325d)
Manufacturer ID
Identity number
0nnn
Serial number 21 bit
ParameterGroup
Numbers(PGN)
Configuration data
PGN EF00h
Proprietary-A
(PDU1 peer-to-peer)
Process data
PGN FFnnh
Proprietary-B
(PDU2 broadcast);
nn Group Extension (PS)
configurable
InterfaceJ1939
CAN specification
ISO 11898, Basic and Full CAN 2.0 B
Transceiver
24V-compliant, not isolated
Communication profile
SAE J1939
Baud rate
250 kbit/s
Internal temination resistor
120 Ω
Address
Default 247d, configurable
POSITILT®
PTDM
OutputCANSAEJ1939
Specifications
Excitation voltage
8 ... 36 V DC
Excitation current
15/30 mA typical for 24/12 V, 100 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±100 x 10-6 / °C f.s.
Repeatability
1 LSB
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2006
Description
Inclination sensor according to standard SAE J1939. Configuration of operating parameters
by proprietary-A-Message (peer-to-peer connection). Process data exchange by
proprietary-B-Message (broadcast).
View to sensor connector
Signalwiring/
connection
Signal name
Connectorpin
Shield
1
Excitation +
2
GND
3
CAN-H
4
CAN-L
5
DB-PTAM27/PTDM27-E-2012-11/0.1.0
www.asm-sensor.com
7/9
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PTAM27-1-180-U8-CW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-0-M12A5 ASM-SENSOR-PTAM2-1-5-L1-0-M12A5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-0-M12R5 ASM-SENSOR-PTAM2-1-5-L1-0-M12R5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-1-M12A5 ASM-SENSOR-PTAM2-1-5-L1-1-M12A5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-1-M12R5 ASM-SENSOR-PTAM2-1-5-L1-1-M12R5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results

Similar Description - PTAM27-1-180-U8-CW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
PTAM5 ASM-SENSOR-PTAM5 Datasheet
2Mb / 10P
   Extremely robust Inclination Sensor with Analog Output
logo
Pepperl+Fuchs Inc.
INX360D-F99-I2E2-V15-EX PF-INX360D-F99-I2E2-V15-EX Datasheet
1Mb / 5P
   Inclination sensor
INY360D-F99-2U2E2-V17 PF-INY360D-F99-2U2E2-V17 Datasheet
1Mb / 6P
   Inclination sensor
INY030D-F99-B16-V15 PF-INY030D-F99-B16-V15 Datasheet
904Kb / 5P
   Inclination sensor
INY360D-F99-2U2E2-5M PF-INY360D-F99-2U2E2-5M Datasheet
1Mb / 6P
   Inclination sensor
logo
STMicroelectronics
LIS352AR STMICROELECTRONICS-LIS352AR Datasheet
251Kb / 15P
   MEMS motion sensor: 3-axis 2 g analog-output
logo
Pepperl+Fuchs Inc.
INY120D-F99-B20-V15 PF-INY120D-F99-B20-V15 Datasheet
1Mb / 5P
   Inclination sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com