Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRAS26-30-L1B-CCW Datasheet(PDF) 5 Page - ASM GmbH

Part # PRAS26-30-L1B-CCW
Description  Magnetic Angle Sensor with Analog Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRAS26-30-L1B-CCW Datasheet(HTML) 5 Page - ASM GmbH

  PRAS26-30-L1B-CCW Datasheet HTML 1Page - ASM GmbH PRAS26-30-L1B-CCW Datasheet HTML 2Page - ASM GmbH PRAS26-30-L1B-CCW Datasheet HTML 3Page - ASM GmbH PRAS26-30-L1B-CCW Datasheet HTML 4Page - ASM GmbH PRAS26-30-L1B-CCW Datasheet HTML 5Page - ASM GmbH PRAS26-30-L1B-CCW Datasheet HTML 6Page - ASM GmbH PRAS26-30-L1B-CCW Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
J
J
K
K
Sensor /
sensor
Sensor /
sensor
13 [.512]
3,5 [.138]
5 [.197]
Markierung
/ marking
PRMAG20
c
b
c
b
DB-PRAS26-EN-2013-10
5/7
© ASM GmbH
www.asm-sensor.com
POSIROT®
PRAS26
Position magnets
Weight 11 g approx.,
moment of inertia 1.2 kgmm2
A misalignment of the position magnet
has an effect on the linearity
Sensor
Position
magnet
Air gap
[mm]
(a)
Paralle-
lism
[°]
(b)
Errorbyaxialmisalignment
[°]
(c)
0.2 mm
0.5 mm
1 mm
2 mm
3 mm
4 mm
PRAS26
PRMAG20
0 ... 7
0 ... 5
0.1
0.3
0.7
2.0
4.6
PRMAG21
0 ... 2
0 ... 5
0.15
0.3
0.9
3.6
9.6
PRMAG22
0 ... 10
0 ... 5
0.0
0.0
0.7
1.5
3.8
7.0
Dimensions in mm [inch]
Dimensions informative only.
For guaranteed dimensions please consult factory.


Similar Part No. - PRAS26-30-L1B-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS2 ASM-SENSOR-PRAS2 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRAS20 ASM-SENSOR-PRAS20 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRAS21 ASM-SENSOR-PRAS21 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS27-15-L1-CCW-KAB2M ASM-SENSOR-PRAS27-15-L1-CCW-KAB2M Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
More results

Similar Description - PRAS26-30-L1B-CCW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
AWS ASM-SENSOR-AWS Datasheet
167Kb / 5P
   Angle sensor with analog output
PRDS5 ASM-SENSOR-PRDS5 Datasheet
637Kb / 10P
   Magnetic Angle Sensor with Incremental Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com