Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRDS5-V-1024-RS5VF-M12R8 Datasheet(PDF) 9 Page - ASM GmbH

Part # PRDS5-V-1024-RS5VF-M12R8
Description  Magnetic Angle Sensor with Incremental Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PRDS5-V-1024-RS5VF-M12R8 Datasheet(HTML) 9 Page - ASM GmbH

Back Button PRDS5-V-1024-RS5VF-M12R8 Datasheet HTML 2Page - ASM GmbH PRDS5-V-1024-RS5VF-M12R8 Datasheet HTML 3Page - ASM GmbH PRDS5-V-1024-RS5VF-M12R8 Datasheet HTML 4Page - ASM GmbH PRDS5-V-1024-RS5VF-M12R8 Datasheet HTML 5Page - ASM GmbH PRDS5-V-1024-RS5VF-M12R8 Datasheet HTML 6Page - ASM GmbH PRDS5-V-1024-RS5VF-M12R8 Datasheet HTML 7Page - ASM GmbH PRDS5-V-1024-RS5VF-M12R8 Datasheet HTML 8Page - ASM GmbH PRDS5-V-1024-RS5VF-M12R8 Datasheet HTML 9Page - ASM GmbH PRDS5-V-1024-RS5VF-M12R8 Datasheet HTML 10Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
E
E
F
F
Markierung /
marking
5
6,5
4
,5
6
,5
Sensor /
sensor
15
G
G
H
H
66 -0,1
0
+
2.598 -0.004
0
+
[
]
Ø
10 [.394]
14 [.551]
Nut / notch
Sensor /
sensor
Sensor /
sensor
Markierung /
marking
48 0,05 1.890 0.002
[
]
Ø
PRMAG5Z
PRMAG22
54
CAT-PR/PT-E-12
ASM
www.asm-sensor.com
POSIROT®
Accessories
Position magnets
Dimensions in mm [inch]
Dimensions informative only
For guaranteed dimensions please consult factory
Marking
Sensor
Marking
Notch
Sensor
Sensor
Weight 17 g approx.,
moment of inertia 3 kgmm2
Weight 100 g approx.,
moment of inertia 55 kgmm2
A misalignment of the position magnet
has an effect on the linearity
A misalignment of the position magnet
has an effect on the linearity


Similar Part No. - PRDS5-V-1024-RS5VF-M12R8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRDS1 ASM-SENSOR-PRDS1 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRDS2 ASM-SENSOR-PRDS2 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
PRDS3 ASM-SENSOR-PRDS3 Datasheet
2Mb / 52P
   Angle Sensors and Encoders Contents
More results

Similar Description - PRDS5-V-1024-RS5VF-M12R8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PRAS3EX ASM-SENSOR-PRAS3EX Datasheet
719Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS26 ASM-SENSOR-PRAS26 Datasheet
849Kb / 7P
   Magnetic Angle Sensor with Analog Output
PRAS27 ASM-SENSOR-PRAS27 Datasheet
648Kb / 10P
   Magnetic Angle Sensor with Analog Output
PRAS5 ASM-SENSOR-PRAS5 Datasheet
767Kb / 16P
   Magnetic Angle Sensor with Analog Output
PRAS5EX ASM-SENSOR-PRAS5EX Datasheet
561Kb / 8P
   Magnetic Angle Sensor with Analog Output
PRAS2EX ASM-SENSOR-PRAS2EX Datasheet
708Kb / 8P
   Magnetic Angle Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
logo
List of Unclassifed Man...
KMT32B ETC2-KMT32B Datasheet
315Kb / 7P
   MAGNETIC ANGLE SENSOR
logo
Toshiba Semiconductor
TCS10NLU TOSHIBA-TCS10NLU Datasheet
144Kb / 6P
   Digital Output Magnetic Sensor
TCS10NPU TOSHIBA-TCS10NPU Datasheet
148Kb / 6P
   Digital-Output Magnetic Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com