Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAM5-2-15-U2-CW Datasheet(PDF) 5 Page - ASM GmbH

Part # PTAM5-2-15-U2-CW
Description  Extremely robust Inclination Sensor with Analog Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PTAM5-2-15-U2-CW Datasheet(HTML) 5 Page - ASM GmbH

  PTAM5-2-15-U2-CW Datasheet HTML 1Page - ASM GmbH PTAM5-2-15-U2-CW Datasheet HTML 2Page - ASM GmbH PTAM5-2-15-U2-CW Datasheet HTML 3Page - ASM GmbH PTAM5-2-15-U2-CW Datasheet HTML 4Page - ASM GmbH PTAM5-2-15-U2-CW Datasheet HTML 5Page - ASM GmbH PTAM5-2-15-U2-CW Datasheet HTML 6Page - ASM GmbH PTAM5-2-15-U2-CW Datasheet HTML 7Page - ASM GmbH PTAM5-2-15-U2-CW Datasheet HTML 8Page - ASM GmbH PTAM5-2-15-U2-CW Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
U2
U8
I1
M12A5 / M12R5
U2
Voltage Output
0.5 ... 10 V
Excitation voltage
18 ... 36 V DC
Excitation current
12 mA typ., 16 mA max.
Output voltage
0.5 ... 10 V DC
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±100 x 10-6 / °C f.s. (typ.)
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2013
I1
Current Output
4 ... 20 mA
Excitation voltage
18 ... 36 V DC
Excitation current
32 mA typ., 36 mA max..
Load resistor
500 Ω max.
Output current
4 ... 20 mA
Measuring rate
1 kHz standard
Stability (temperature)
±100 x 10
-6
/ °C f.s. (typ.)
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2013
Other outputs available on request.
U8
Voltage output
0.5 ... 4.5 V
Excitation voltage
18 ... 36 V DC
Excitation current
12 mA typ., 16 mA max.
Output voltage
0.5 ... 4.5 V DC
Output current
2 mA max.
Measuring rate
1 kHz standard
Stability (temperature)
±100 x 10-6
/ °C f.s. (typ.)
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
EMC
EN61326-1:2013
POSITILT®
PTAM
AnalogoutputsU2,U8andI1
Outputsignals
Excitation +
GND
Signal +
Connection
View to sensor
connector
SignalWiring
Outputsignals
Connectorpin
Cablecolor
1axis
2axes
Excitation +
Excitation +
1
brown
Output X
Output X
2
white
GND
GND
3
blue
Do not connect!
Output Y
4
black
Do not connect!
Do not connect!
5
gray
DB-PTAM5/PTDM5-E-2014-05/0.1.0
www.asm-sensor.com
5/10
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PTAM5-2-15-U2-CW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-0-M12A5 ASM-SENSOR-PTAM2-1-5-L1-0-M12A5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-0-M12R5 ASM-SENSOR-PTAM2-1-5-L1-0-M12R5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-1-M12A5 ASM-SENSOR-PTAM2-1-5-L1-1-M12A5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM2-1-5-L1-1-M12R5 ASM-SENSOR-PTAM2-1-5-L1-1-M12R5 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
More results

Similar Description - PTAM5-2-15-U2-CW

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PTAM2 ASM-SENSOR-PTAM2 Datasheet
764Kb / 6P
   Inclination Sensor with Analog Output
PTAM20 ASM-SENSOR-PTAM20 Datasheet
228Kb / 1P
   Inclination Sensor with Analog Output
PTAS2 ASM-SENSOR-PTAS2 Datasheet
684Kb / 7P
   Magnetic inclination sensor with analog output
PTAM27 ASM-SENSOR-PTAM27 Datasheet
2Mb / 9P
   Universal MEMS Inclination Sensor with Analog Output
logo
Pepperl+Fuchs Inc.
INX360D-F99-I2E2-V15-EX PF-INX360D-F99-I2E2-V15-EX Datasheet
1Mb / 5P
   Inclination sensor
INY360D-F99-2U2E2-V17 PF-INY360D-F99-2U2E2-V17 Datasheet
1Mb / 6P
   Inclination sensor
INY030D-F99-B16-V15 PF-INY030D-F99-B16-V15 Datasheet
904Kb / 5P
   Inclination sensor
INY360D-F99-2U2E2-5M PF-INY360D-F99-2U2E2-5M Datasheet
1Mb / 6P
   Inclination sensor
INY120D-F99-B20-V15 PF-INY120D-F99-B20-V15 Datasheet
1Mb / 5P
   Inclination sensor
INY160DH-F199-B16-2V15 PF-INY160DH-F199-B16-2V15 Datasheet
747Kb / 3P
   Inclination sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com