Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCFP24-1500-U2-PMU-L02-M8 Datasheet(PDF) 8 Page - ASM GmbH

Part # PCFP24-1500-U2-PMU-L02-M8
Description  Flat Profile Housing with Analog Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCFP24-1500-U2-PMU-L02-M8 Datasheet(HTML) 8 Page - ASM GmbH

Back Button PCFP24-1500-U2-PMU-L02-M8 Datasheet HTML 4Page - ASM GmbH PCFP24-1500-U2-PMU-L02-M8 Datasheet HTML 5Page - ASM GmbH PCFP24-1500-U2-PMU-L02-M8 Datasheet HTML 6Page - ASM GmbH PCFP24-1500-U2-PMU-L02-M8 Datasheet HTML 7Page - ASM GmbH PCFP24-1500-U2-PMU-L02-M8 Datasheet HTML 8Page - ASM GmbH PCFP24-1500-U2-PMU-L02-M8 Datasheet HTML 9Page - ASM GmbH PCFP24-1500-U2-PMU-L02-M8 Datasheet HTML 10Page - ASM GmbH PCFP24-1500-U2-PMU-L02-M8 Datasheet HTML 11Page - ASM GmbH PCFP24-1500-U2-PMU-L02-M8 Datasheet HTML 12Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
I1
U1,
U2,
U8
POSICHRON®
OutputSpecificationU2,U8andI1
Configurable, 1 or 2 channels
U1,U2,U8
Voltage output
Excitation voltage
U1: 18 ... 36 V DC; U2: 18 ... 36 V DC; U8: 10 ... 36 V
Excitation current
Typ. 35 mA, 80 mA max.
Output voltage
U1: 0 ... 10 V DC; U2: 0.5 ... 10 V DC; U8: 0.5 ... 4.5 V DC
Output current
2 mA max.
Output load
> 5 kΩ
Resolution
16 bit f.s., min. 10 µm
Stability (temperature)
±50 x 10-6 / °C f.s.
Protection
Reverse polarity, short circuit
Output noise
0.5 mV
RMS
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
Excitation +
Excitation GND
Signal 1 +
Signal GND
Signal diagram
Excitation +
Excitation GND
Signal 1 +
Signal GND
I1
Current output (3 wire)
Excitation voltage
18 ... 36 V DC (10 ... 36 V for R
L≤250Ω)
Excitation current
Typ. 60 mA, 80 mA max.
Load resistor
350 Ω max.
Output current
4 ... 20 mA, 30 mA max (at failure)
Resolution
16 bit f.s., min. 10 µm
Stability (temperature)
±50 x 10-6 / °C f.s.
Protection
Reverse polarity, short circuit
Output noise
0.5 mV
RMS
Operating temperature
-40 ... +85 °C
EMC
EN 61326-1:2013
SPAN/ZERO (PMU, as option)
Signal 2 + (as option)
SPAN/ZERO (PMU, as option)
Signal 2 + (as option)
Signal diagram
Signal diagram
DB-PCFP24-E-2013
www.asm-sensor.com
8/14
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCFP24-1500-U2-PMU-L02-M8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-100-10V-KAB3M ASM-SENSOR-PCFP21-100-10V-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-100-420T-KAB3M ASM-SENSOR-PCFP21-100-420T-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-1000-10V-KAB3M ASM-SENSOR-PCFP21-1000-10V-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCFP21-1000-420T-KAB3M ASM-SENSOR-PCFP21-1000-420T-KAB3M Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
More results

Similar Description - PCFP24-1500-U2-PMU-L02-M8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCRP21 ASM-SENSOR-PCRP21 Datasheet
2Mb / 15P
   Round Profile Housing with Analog Output
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
   Square Profile Housing with Analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com