Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCRP32-100-U2-PMU-L02 Datasheet(PDF) 11 Page - ASM GmbH

Part # PCRP32-100-U2-PMU-L02
Description  Round Profile Housing with Analog Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCRP32-100-U2-PMU-L02 Datasheet(HTML) 11 Page - ASM GmbH

Back Button PCRP32-100-U2-PMU-L02 Datasheet HTML 6Page - ASM GmbH PCRP32-100-U2-PMU-L02 Datasheet HTML 7Page - ASM GmbH PCRP32-100-U2-PMU-L02 Datasheet HTML 8Page - ASM GmbH PCRP32-100-U2-PMU-L02 Datasheet HTML 9Page - ASM GmbH PCRP32-100-U2-PMU-L02 Datasheet HTML 10Page - ASM GmbH PCRP32-100-U2-PMU-L02 Datasheet HTML 11Page - ASM GmbH PCRP32-100-U2-PMU-L02 Datasheet HTML 12Page - ASM GmbH PCRP32-100-U2-PMU-L02 Datasheet HTML 13Page - ASM GmbH PCRP32-100-U2-PMU-L02 Datasheet HTML 14Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
View to sensor connector
POSICHRON®
Output Specification CANopen
Interface CANOP
Communication profile
CANopen CiA 301 V 4.02, Slave
Encoder profile
Encoder CiA 406 V 3.2
Error Control
Node Guarding, Heartbeat, Emergency Message
Node ID
Adjustable via LSS or via object dictionary
PDO
4 TxPDO, 0 RxPDO, no linking, static mapping
PDO Modes
Event-/Time triggered, Remote-request, Sync
cyclic/acyclic
SDO
1 server, 0 client
CAM
8 cams
Certified
Yes
Transmission rates
50 kBaud to 1 MBaud, adjustable via LSS or via
object dictionary
Nodes
127 max.
Bus connection
M12 connector, 5 pins
Integrated bus terminating resistor
120 Ω (option)
Bus, galvanic isolated
No
Description
CANopen interface with process data for position and cam functions, programmable are
preset, resolution, filtering and cam switching points.
Specifications
Excitation voltage
18 ... 36 V DC
Excitation current
Typ. 20 mA for 24 V, max. 80 mA
Number of position magnets
1 ... 4
Resolution
50 µm
Measuring rate
1 kHz (asynchronous)
Stability (temperature)
±50 x 10-6 / °C f.s.
Repeatability
1 LSB
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
Dielectric strength
500 V (V AC, 50 Hz, 1 min.)
EMC
EN 61326-1:2013
Signal wiring
Signal
Plug connection
Shield
1
Excitation +
2
GND
3
CAN-H
4
CAN-L
5
When using multiple magnets the distance between two magnets must be min. 70 mm to
identify the single magnets definitely.
DB-PCRP32-E-2013-11
www.asm-sensor.com
11/14
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCRP32-100-U2-PMU-L02

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCRP31-100-10V-KAB3M ASM-SENSOR-PCRP31-100-10V-KAB3M Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCRP31-100-420T-KAB3M ASM-SENSOR-PCRP31-100-420T-KAB3M Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCRP31-1000-10V-KAB3M ASM-SENSOR-PCRP31-1000-10V-KAB3M Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCRP31-1000-420T-KAB3M ASM-SENSOR-PCRP31-1000-420T-KAB3M Datasheet
271Kb / 7P
   Rod Profile with Analog Output
More results

Similar Description - PCRP32-100-U2-PMU-L02

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCRP21 ASM-SENSOR-PCRP21 Datasheet
2Mb / 15P
   Round Profile Housing with Analog Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
   Square Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com