Electronic Components Datasheet Search |
|
PCRP32-5750-U2-P1D-L02 Datasheet(PDF) 10 Page - ASM GmbH |
|
PCRP32-5750-U2-P1D-L02 Datasheet(HTML) 10 Page - ASM GmbH |
10 / 14 page POSICHRON® Output Specification SSI Description The data transmission takes place by means of the two signals CLOCK and DATA. The pro- cessing unit (PLC, microcomputer) sends pulse sequences which clock the data transmissi- on at the required transfer rate. With the first falling edge of the pulse sequence the position of the sensor is recorded and stored. The following rising edges control the bit-by-bit transfer of the data word. After a delay time the next new position information can be transwithted. Data format (Train of 26 pulses) Synchronous serial interface SSI Output RS422 Excitation voltage 10 ... 36 V DC, residual ripple 10 mV SS Excitation current Typ. 80 mA, 150 mA max. Clock frequency 100 kHz ... 1 MHz Code Gray code, dual code Resolution ≥ 5 µm Delay between pulse trains >25 µs Stability (temperature) ±50 x 10-6 / °C f.s. Operating temperature -40 ... +85 °C EMC EN 61326-1:2013 Sensor circuit Subsequent circuit Cable length Baud rate 50 m 100-1000 kHz 100 m 100-300 kHz Note: Extension of the cable length will reduce the maximum transmission rate. The signals CLOCK/CLOCK and DATA/DATA must be connected in a twisted pair cable, common shielded. CLOCK CLOCK DATA DATA Signal diagram Error indication see page 9. Signal wiring Signal Plug connection Cable connection View to sensor connector Excitation + 1 white Excitation GND 2 brown CLOCK 3 green CLOCK 4 yellow DATA 5 grey DATA 6 pink DB-PCRP32-E-2013-11 www.asm-sensor.com 10/14 © ASM GmbH info@asm-sensor.com |
Similar Part No. - PCRP32-5750-U2-P1D-L02 |
|
Similar Description - PCRP32-5750-U2-P1D-L02 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |