Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPB70N10L Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPB70N10L
Description  SIPMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPB70N10L Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPB70N10L Datasheet HTML 1Page - Infineon Technologies AG SPB70N10L Datasheet HTML 2Page - Infineon Technologies AG SPB70N10L Datasheet HTML 3Page - Infineon Technologies AG SPB70N10L Datasheet HTML 4Page - Infineon Technologies AG SPB70N10L Datasheet HTML 5Page - Infineon Technologies AG SPB70N10L Datasheet HTML 6Page - Infineon Technologies AG SPB70N10L Datasheet HTML 7Page - Infineon Technologies AG SPB70N10L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001-08-24
Page 2
Preliminary data
SPI70N10L
SPP70N10L,SPB70N10L
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - case
RthJC
-
-
0.6
K/W
Thermal resistance, junction - ambient, leaded
RthJA
-
-
62.5
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 1)
RthJA
-
-
-
-
62
40
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
VGS=0V, ID=2mA
V(BR)DSS
100
-
-
V
Gate threshold voltage, VGS = VDS
ID = 2 mA
VGS(th)
1.2
1.6
2
Zero gate voltage drain current
VDS=100V, VGS=0V, Tj=25°C
VDS=100V, VGS=0V, Tj=150°C
IDSS
-
-
0.1
-
1
100
µA
Gate-source leakage current
VGS=20V, VDS=0V
IGSS
-
10
100
nA
Drain-source on-state resistance
VGS=4.5V, ID=50A
RDS(on)
-
14
25
m

Drain-source on-state resistance
VGS=10V, ID=50A
RDS(on)
-
10
16
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm² (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - SPB70N10L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPB73N03S2L-08 INFINEON-SPB73N03S2L-08 Datasheet
415Kb / 8P
   OptiMOS Power-Transistor
2003-04-24
SPB77N06S2-12 INFINEON-SPB77N06S2-12 Datasheet
311Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
More results

Similar Description - SPB70N10L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com