Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP70N10L Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SPP70N10L
Description  SIPMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP70N10L Datasheet(HTML) 3 Page - Infineon Technologies AG

  SPP70N10L Datasheet HTML 1Page - Infineon Technologies AG SPP70N10L Datasheet HTML 2Page - Infineon Technologies AG SPP70N10L Datasheet HTML 3Page - Infineon Technologies AG SPP70N10L Datasheet HTML 4Page - Infineon Technologies AG SPP70N10L Datasheet HTML 5Page - Infineon Technologies AG SPP70N10L Datasheet HTML 6Page - Infineon Technologies AG SPP70N10L Datasheet HTML 7Page - Infineon Technologies AG SPP70N10L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001-08-24
Page 3
Preliminary data
SPI70N10L
SPP70N10L,SPB70N10L
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
gfs
VDS2*ID*RDS(on)max ,
ID=50A
30
65
-
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f
=1MHz
-
3630
4540 pF
Output capacitance
Coss
-
640
800
Reverse transfer capacitance
Crss
-
345
430
Turn-on delay time
td(on)
VDD=50V, VGS=4.5V,
ID=70A, RG=1.3
-
70
105
ns
Rise time
tr
-
250
375
Turn-off delay time
td(off)
-
250
375
Fall time
tf
-
95
145
Gate Charge Characteristics
Gate to source charge
Qgs
VDD=80V, ID=70A
-
10
15
nC
Gate to drain charge
Qgd
-
34
51
Gate charge total
Qg
VDD=80V, ID=70A,
VGS=0 to 10V
-
160
240
Gate plateau voltage
V(plateau) VDD=80V, ID=70A
-
3.22
-
V
Reverse Diode
Inverse diode continuous
forward current
IS
TC=25°C
-
-
70
A
Inverse diode direct current,
pulsed
ISM
-
-
280
Inverse diode forward voltage VSD
VGS=0V, IF=140A
-
1.2
1.8
V
Reverse recovery time
trr
VR=50V, IF=lS,
diF/dt=100A/µs
-
100
150
ns
Reverse recovery charge
Qrr
-
600
900
nC


Similar Part No. - SPP70N10L

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP7001K SYNC-POWER-SPP7001K Datasheet
407Kb / 7P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - SPP70N10L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com