Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCQA24-100-U2-P1D-L02MM Datasheet(PDF) 11 Page - ASM GmbH

Part # PCQA24-100-U2-P1D-L02MM
Description  Square Profile Housing with Analog Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCQA24-100-U2-P1D-L02MM Datasheet(HTML) 11 Page - ASM GmbH

Back Button PCQA24-100-U2-P1D-L02MM Datasheet HTML 7Page - ASM GmbH PCQA24-100-U2-P1D-L02MM Datasheet HTML 8Page - ASM GmbH PCQA24-100-U2-P1D-L02MM Datasheet HTML 9Page - ASM GmbH PCQA24-100-U2-P1D-L02MM Datasheet HTML 10Page - ASM GmbH PCQA24-100-U2-P1D-L02MM Datasheet HTML 11Page - ASM GmbH PCQA24-100-U2-P1D-L02MM Datasheet HTML 12Page - ASM GmbH PCQA24-100-U2-P1D-L02MM Datasheet HTML 13Page - ASM GmbH PCQA24-100-U2-P1D-L02MM Datasheet HTML 14Page - ASM GmbH PCQA24-100-U2-P1D-L02MM Datasheet HTML 15Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Option - PMU for
analog output
U1, U2, U8 and I1
Programming of the start and end value by the customer:
The option PMU allows to program the start value and the end value of the output range
by a programming signal SPAN/ZERO available at the connector. This Signal SPAN/ZERO
must be connected with GND via a push button, then position magnet of the sensor must
be moved to the start resp. end position. Pushing the button between 2 and 4 seconds sets
the actual position as start position, pushing the button more than 5 seconds sets the actual
position as end position. The values will be stored and are available after switching off the
sensor.
To reset the sensor to the factory values the button must be pushed for longer than two
seconds when the sensor is switched on.
POSICHRON®
Description of Output Options
Diagnostic on analog
outputs
Error signal for
SSI output
If the sensor cannot detect a magnet the position value will assume the maximum value
(0xFFFFFFF).
Alarm_HIGH
(standard)
Alarm_LOW
(.../U)
Alarm_HOLD
(.../H)
U1
Uout ≥ 10,5 V
keeps last valid state
(Order code U1/H)
U2
Uout ≥ 10,5 V
Uout < 0,25 V
(Order code U2/U)
keeps last valid state
(Order code U2/H)
U8
Uout ≥ 10 V
Uout < 0,25 V
(Order code U8/U)
keeps last valid state
(Order code U8/H)
I1
Iout ≥ 21 mA
1,5 ... 2 mA
(Order code
I1/U)
keeps last valid state
(Order code I1/H)
Behaviour of the analog signal output in case of error
In case of error (magnet missing or outside the measuring range) the analog output signal
will assume a state according to the following options:
Alarm_HIGH
The output voltage resp. the output current is at HIGH level (overrange).
Alarm_LOW
The output voltage resp. the output current is at LOW level (underrange).
Alarm_HOLD
The output voltage resp. the output current will keep the last valid state.
DB-PCQA24-E-2013-11
www.asm-sensor.com
11/16
© ASM GmbH
info@asm-sensor.com


Similar Part No. - PCQA24-100-U2-P1D-L02MM

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-10V-D8 ASM-SENSOR-PCQA21-100-10V-D8 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-10V-KAB3M ASM-SENSOR-PCQA21-100-10V-KAB3M Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-420T-D8 ASM-SENSOR-PCQA21-100-420T-D8 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCQA21-100-420T-KAB3M ASM-SENSOR-PCQA21-100-420T-KAB3M Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
More results

Similar Description - PCQA24-100-U2-P1D-L02MM

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
PCQA21 ASM-SENSOR-PCQA21 Datasheet
262Kb / 7P
   Quad Profile Housing with Analog Output
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCRP21 ASM-SENSOR-PCRP21 Datasheet
2Mb / 15P
   Round Profile Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com