Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1023581 Datasheet(PDF) 4 Page - SICK AG

Part # 1023581
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1023581 Datasheet(HTML) 4 Page - SICK AG

  1023581 Datasheet HTML 1Page - SICK AG 1023581 Datasheet HTML 2Page - SICK AG 1023581 Datasheet HTML 3Page - SICK AG 1023581 Datasheet HTML 4Page - SICK AG 1023581 Datasheet HTML 5Page - SICK AG 1023581 Datasheet HTML 6Page - SICK AG 1023581 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG1-0590F812 | MLG
MEASURING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-29 09:44:08
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
1
2
3
4
5
6
16.5
(0.65)
29
(1.14)
34
(1.34)
A
B
Distance: MLG edge – first beam
Beam separation MLG1
10 mm
49 (1.93)
160 (6.30)
Beam separation MLG2
49 (1.93) 1)
20 mm
59 (2.32) 2)
170 (6.69)
Beam separation MLG3
30 mm
69 (2.72)
180 (7.09)
Beam separation MLG5
50 mm
89 (3.50)
200 (7.87)
1) With even number of beams.
2) With odd number of beams.
①  Detection height (see optical performance)
②  Beam separation (10, 20, 30, 50 mm)
③  Status indicator: green, yellow, red LEDs
④  Indicator panel, 7-segment display
⑤  Terminals: M16 cable entry/connector M12, 12-pin
⑥  Configuration connector M8, 4-pin


Similar Part No. - 1023581

ManufacturerPart #DatasheetDescription
logo
SICK AG
1023582 SICK-1023582 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
1023583 SICK-1023583 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
1023585 SICK-1023585 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
1023588 SICK-1023588 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
1023589 SICK-1023589 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1023581

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG1-0140A812 SICK-MLG1-0140A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-0140F412 SICK-MLG1-0140F412 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02A-0745B13201 SICK-MLG02A-0745B13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG05A-0445B10501 SICK-MLG05A-0445B10501 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-1940F812 SICK-MLG1-1940F812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I812 SICK-MLG1-2390I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I822 SICK-MLG1-2390I822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0140F212 SICK-MLG2-0140F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0440F822 SICK-MLG2-0440F822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0580A812 SICK-MLG2-0580A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-1640F212 SICK-MLG2-1640F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com