Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCQA21-5000-10V-D8 Datasheet(PDF) 2 Page - ASM GmbH

Part # PCQA21-5000-10V-D8
Description  Quad Profile Housing with Analog Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

PCQA21-5000-10V-D8 Datasheet(HTML) 2 Page - ASM GmbH

  PCQA21-5000-10V-D8 Datasheet HTML 1Page - ASM GmbH PCQA21-5000-10V-D8 Datasheet HTML 2Page - ASM GmbH PCQA21-5000-10V-D8 Datasheet HTML 3Page - ASM GmbH PCQA21-5000-10V-D8 Datasheet HTML 4Page - ASM GmbH PCQA21-5000-10V-D8 Datasheet HTML 5Page - ASM GmbH PCQA21-5000-10V-D8 Datasheet HTML 6Page - ASM GmbH PCQA21-5000-10V-D8 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ASM GmbH
CAT-PC-E-04
7
Tel.: +49-8123-986-0 Fax: +49-8123-986-500 www.asm-sensor.com
POSICHRON
® position sensor in quad profile
· Protection Class IP67
· Measurement range 0 ... 100 to 0 ... 5750 mm
· Absolute position measurement
· Easy mounting with mounting brackets
· No power for the position magnet
· Wear- and maintenance-free
· Pulse output (start/stop)
Specifications
Output
Pulse output (start/stop)
Resolution
Essentially infinite
Sampling rate
0.5 … 2 kHz depending on measurement range
Linearity
±0.1 mm for ranges
£ 500 mm
±0.02 % f.s. for ranges >500 mm
Casing material
AlMgSi1
Protection class
IP67 (connector version: with mating connector)
Operating temperature
-40 ... +85 °C
EMC, immunity to interference
EN61326: 1998, Table A1
EMC, radio frequency emission
EN55011 Group 1 class A
Shock
100 g/6 ms according to EN60068-2-27
Vibration
15 g, 10 … 2000 Hz according to EN90068-2-6
Connection
Male socket 8 pin DIN 45326/cable 3 m (standard)
Order Code PCQA21
Model Name
Measurement Range (in mm)
100 / 500 / 1000 / 1500 / 2000 / 2500 / 3000 / 4000 / 5000 / 5750
Other ranges on request
Output
STSP
= with pulse output (start/stop)
Connection
D8
= Connector 8 pin DIN 45326
KAB3M
= Cable output, length 3 m (standard)
PCQA21
Order Example: PCQA21 - 1500 - STSP - D8
Order Code Mating Connector (see accessories page 63)
WS-CONN-D8
Order Code Position Magnet (accessories page 58)
Order Code Mounting Set (see accessories page 60)
PCQA-BFS1
PCMAG...
PCQA21 POSICHRON
® Position Sensor
Quad Profile Housing with Pulse Output


Similar Part No. - PCQA21-5000-10V-D8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA22-100-U1-P1A-L02 ASM-SENSOR-PCQA22-100-U1-P1A-L02 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA22-100-U1-P1A-L02MM ASM-SENSOR-PCQA22-100-U1-P1A-L02MM Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA22-100-U1-P1A-L10 ASM-SENSOR-PCQA22-100-U1-P1A-L10 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA22-100-U1-P1D-L02 ASM-SENSOR-PCQA22-100-U1-P1D-L02 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
More results

Similar Description - PCQA21-5000-10V-D8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
PCRP32 ASM-SENSOR-PCRP32 Datasheet
1Mb / 14P
   Round Profile Housing with Analog Output
PCFP24 ASM-SENSOR-PCFP24 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCRP21 ASM-SENSOR-PCRP21 Datasheet
2Mb / 15P
   Round Profile Housing with Analog Output
PCFP23 ASM-SENSOR-PCFP23 Datasheet
1Mb / 14P
   Flat Profile Housing with Analog Output
PCQA22 ASM-SENSOR-PCQA22 Datasheet
1Mb / 16P
   Square Profile Housing with Analog Output
PCQA24 ASM-SENSOR-PCQA24 Datasheet
3Mb / 16P
   Square Profile Housing with Analog Output
PCFP25 ASM-SENSOR-PCFP25 Datasheet
1Mb / 13P
   Ultra flat Profile Housing with analog Output
PCRP31 ASM-SENSOR-PCRP31 Datasheet
271Kb / 7P
   Rod Profile with Analog Output
PCFP21 ASM-SENSOR-PCFP21 Datasheet
287Kb / 7P
   Position Sensor Flat Housing with Analog Output
PCQA23 ASM-SENSOR-PCQA23 Datasheet
608Kb / 6P
   Square Profile Housing with Profibus Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com