Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP21N10 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPP21N10
Description  SIPMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP21N10 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPP21N10 Datasheet HTML 1Page - Infineon Technologies AG SPP21N10 Datasheet HTML 2Page - Infineon Technologies AG SPP21N10 Datasheet HTML 3Page - Infineon Technologies AG SPP21N10 Datasheet HTML 4Page - Infineon Technologies AG SPP21N10 Datasheet HTML 5Page - Infineon Technologies AG SPP21N10 Datasheet HTML 6Page - Infineon Technologies AG SPP21N10 Datasheet HTML 7Page - Infineon Technologies AG SPP21N10 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2002-01-31
Page 5
Preliminary data
SPI21N10
SPP21N10,SPB21N10
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
5
10
V
20
VDS
0
10
20
30
A
50
a
b
c
d
e
VGS[V]=
a= 5.6
b= 6.0
c= 7.0
d= 8.0
e= 10.0
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS
0
5
10
15
20
25
30
35
40
A
50
ID
0
20
40
60
80
100
120
140
160
180
200
220
m

260
a
b
c
d
e
VGS[V]=
a= 5.6
b= 6.0
c= 7.0
d= 8.0
e= 10.0
7 Typ. transfer characteristics
ID= f ( VGS ); VDS 2 x ID x RDS(on)max
parameter: tp = 80 µs
2
3
4
5
6
V
8
VGS
0
5
10
15
20
A
30
8 Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: gfs
0
4
8
12
16
A
24
ID
0
1
2
3
4
5
6
7
8
9
10
11
12
S
14


Similar Part No. - SPP21N10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
756Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPP21N50C3 ISC-SPP21N50C3 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP21N50C3 INFINEON-SPP21N50C3_07 Datasheet
2Mb / 14P
   New revolutionary high voltage technology Worldwide best RDS(on) in TO 220 Ultra low gate charge
Rev. 3.0 2007-08-30
More results

Similar Description - SPP21N10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com