Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPFBFT302 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPFBFT302
Description  Optical Bidirectional Transceiver for byteflight
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPFBFT302 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPFBFT302 Datasheet HTML 1Page - Infineon Technologies AG SPFBFT302 Datasheet HTML 2Page - Infineon Technologies AG SPFBFT302 Datasheet HTML 3Page - Infineon Technologies AG SPFBFT302 Datasheet HTML 4Page - Infineon Technologies AG SPFBFT302 Datasheet HTML 5Page - Infineon Technologies AG SPFBFT302 Datasheet HTML 6Page - Infineon Technologies AG SPFBFT302 Datasheet HTML 7Page - Infineon Technologies AG SPFBFT302 Datasheet HTML 8Page - Infineon Technologies AG SPFBFT302 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SPF BFT3 02
BFT3 02 data sheet_04_nov_02
page 5 from 13
04-nov-02
3.3 Static Characteristics
Parameter
Condition
Symbol
min
typ
max
Unit
Peak Supply Current in active
mode (see 2.1,
*2))
LED on
Idda
50
mA
Supply current in active mode
LED off
Idda
10
mA
Supply current in stand-by mode 10ms after
tsleepmax
IStby
30
45
µA
Low Level Input Voltage DI
VIL
00,8
V
High Level Input Voltage DI
VICH
26
V
Low Level Output Voltage DO
I = 1mA
VOLD
00,4
V
High Level Output Voltage DO
I = -1mA
VOHD
3,7
5
V
Low Level Output Voltage
ALARM
I = 5mA
VOLA
00,4
V
Input Capacitance at DI
CDI
5pF
Optical Power Threshold for
photo current diagnosis
PDIAG
-15
(-18,2)
20
(-17)
µW
(dBm)
Internally regulated voltage
VDD1=7,8 -
11,3V
VDD2
4,6
5,5
V
3.4 Dynamic Characteristics
Parameter
Condition
Symbol
min
typ
max
Unit
Signal delay (LEDI -> DO)
tdel-DO
200
ns
Rise and fall time on DO
CL= 30pF
tr, tf
30
ns
Wake-up time *5)
twu
10
ms
Sleep-in time *6)
tsl
10
20
ms
Continuous light on time *7)
tcl
10
11,4
15
µs
Locking time with el. signal *8)
tlocke
700
1100
ns
Locking time with opt. signal *8)
tlocko
300
700
ns
Duration of diagnosis impulse
tpdi
80
100
120
ns
Pause before diagnosis impulse
twdi
1,17
1,3
µs
Delay diagnosis impulse
tddi
10
220
ns
*5) Time between the first optical wake-up pattern and switching into active mode
*6) Time between transmitting last bit and switching into sleep mode
*7) Duration for detection of continuous light
*8) After recognizing High levels on the internal data path at the lock switch input (see block wiring
diagram), the other relevant channel is blocked for this period.


Similar Part No. - SPFBFT302

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SPFBFT00303 AVAGO-SPFBFT00303 Datasheet
303Kb / 11P
   Optical Bidirectional Transceiver for byteflight
More results

Similar Description - SPFBFT302

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SPFBFT00303 AVAGO-SPFBFT00303 Datasheet
303Kb / 11P
   Optical Bidirectional Transceiver for byteflight
logo
Panasonic Semiconductor
CND0004A PANASONIC-CND0004A Datasheet
47Kb / 3P
   Optical Transceiver Module for IrDA
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-59L1ALZ AVAGO-HFBR-59L1ALZ Datasheet
447Kb / 14P
   Optical Transceiver
AFBR-57L5AP AVAGO-AFBR-57L5AP Datasheet
326Kb / 19P
   Optical Transceiver
logo
Murata Manufacturing Co...
WTFA11GDPS100T MURATA-WTFA11GDPS100T Datasheet
39Kb / 1P
   Optical Transceiver
logo
List of Unclassifed Man...
SDM7101 ETC1-SDM7101 Datasheet
182Kb / 9P
   Technical Specification for Optical Transceiver Module
logo
ON Semiconductor
74AC245 ONSEMI-74AC245 Datasheet
406Kb / 14P
   Octal Bidirectional Transceiver
January 2008 Rev. 1.5.0
logo
Sharp Corporation
GP2W1001YP SHARP-GP2W1001YP Datasheet
1Mb / 23P
   DEVICE SPECIPICATION FOR OPTICAL DATA COMMUNICATION TRANSCEIVER
logo
3M Electronics
6B2A-0412A-0 3M-6B2A-0412A-0 Datasheet
478Kb / 2P
   Active Optical Pluggable Transceiver for QSFP Applications
logo
List of Unclassifed Man...
GP2W0118YP0F ETC2-GP2W0118YP0F Datasheet
749Kb / 17P
   OPTICAL DATACOMMUNICATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com