Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NA341-D4GI-FS-US Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # NA341-D4GI-FS-US
Description  Extreme slim style design and fanless operation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

NA341-D4GI-FS-US Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  NA341-D4GI-FS-US Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All specifications and photos are subject to change without notice.
axiomtek.com
© 2015 Axiomtek Co., Ltd. All rights reserved.
Overview
Accessories
SMB Series
SOHO Series
1
Features
NA341
Green color
(optional)
Red color
(optional)
Yellow color
(optional)
Fanless Slim-type Network Appliance
Platform with Intel® Atom™ N2600
1.6 GHz Processor and 4 LANs
Extreme slim style design and fanless operation
Intel® Atom™ processor N2600 1.6 GHz
Supports up to 2 GB DDR3 memory (unbuffered)
Supports 4 x 10/100/1000Mbps Ethernet ports (Intel® i210AT)
and 1 pair LAN bypass (optional)
Supports wireless (optional)
Supports 3G/LTE (optional)
Ordering Information
Packing List
Dimensions
Specifications
Standard
NA341-D4GI-CF-US
w/o LAN Bypass
(P/N: E26E341100)
Slim fanless network appliance with Intel® Atom™
processor N2600 1.6 GHz and 4 10/100/1000Mbps,
CF version
NA341-D4GI-FS-US
w/o LAN Bypass
(P/N:E26E341101)
Slim fanless network appliance with Intel® Atom™
processor N2600 1.6 GHz and 4 10/100/1000Mbps,
CFast™ version
Optional
594E3412000E
VGA cable DB15P+16P Wafer
* Specifications and certifications are based on options and may vary.
** Recommend ordering optional cable kit with first order.
1 x power cord
1 x utility CD (user's manual and driver)
Introduction
NA341 is an extreme slim type fanless network hardware platform for VPN, Firewall, UTM
and other network security applications. It supports low power Intel® Atom™ N2600
1.6 GHz processor with NM10 chipset. The system supports up to a maximum of 2 GB of
DDR3-800/1066 memory for storing event logs. The NA341 provide a Compact Flash™ slot
and one PCIe Mini Card for wireless card and LTE installation.
System
CPU
Intel® Atom™ N2600 1.6 GHz
Chipset
Intel® NM10
Memory
1 x DDR3-800/1066 DIMM max. up to 2 GB (unbuffered)
BIOS
AMI 16Mbits PnP Flash with function of BIOS redirected to
COM port
Storage
1 x Compact Flash™ type-II
1x CFast™ (optional)
Network Interface
4 x 10/100/1000Mbps Ethernet (Intel® i210AT)
I/O Interface
1 x console RJ-type connector, 2 x USB connector,
4 x RJ-45 connector, 1 x VGA connector
Watchdog Timer
255 stepping for system reset
8 stepping for LAN bypass
USB
2 x USB 2.0 port on front side
Expansion Slot
1 x Mini PCIe slot
Other Features
LAN bypass function through latch relay
Power Supply
12V/5A
OS Compatibility
Linux Redhat Kernel 2.6
Mechanical/ Environmental
Form Factor
Compact
LED
Power, LAN, LAN bypass, GPIO
Operating Temp.
0° ~ +40°C (32°F ~ 104°F)
Storage Temp.
-20° ~ +70°C (-4°F ~ +158°F)
Humidity
10% ~ 90% RH, non-condensing
Chassis Material
Steel
Dimensions
30 mm (1.18”) (H) x 152 mm (5.98”) (W) x 110mm (4.33") (D)
Weight (net/gross)
1.5 kg (3.31lb)/ 2.5 kg (5.51lb)
Certification
FCC class B / CE class B
Rear view
Front view
Fanless
Low Power
CFastTM
TPM
TPM
TPM
EN60950-1
LAN Bypass


Similar Part No. - NA341-D4GI-FS-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA342 AXIOMTEK-NA342 Datasheet
262Kb / 1P
   Supports Wi-Fi/3G/LTE through Mini PCIe for optional use
NA342R AXIOMTEK-NA342R Datasheet
238Kb / 1P
   BIOS redirected to COM port
NA342R-D6GI-US AXIOMTEK-NA342R-D6GI-US Datasheet
238Kb / 1P
   BIOS redirected to COM port
NA342R AXIOMTEK-NA342R_17 Datasheet
250Kb / 1P
   1U Rackmount Network Appliance Platform with Intel Celeron Processor J1900 up to 2.42 GHz and 6 LANs
NA342 AXIOMTEK-NA342_17 Datasheet
234Kb / 1P
   Desktop Network Appliance Platform with Intel Celeron Processor J1900 up to 2.42 GHz and 4 LANs
More results

Similar Description - NA341-D4GI-FS-US

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EBOX530-830-FL AXIOMTEK-EBOX530-830-FL Datasheet
337Kb / 1P
   Fanless operation design with full feature
EBOX671-885-FL-ECM AXIOMTEK-EBOX671-885-FL-ECM Datasheet
662Kb / 1P
   Fanless operation design with 4CH GbE PoE
logo
Advantech Co., Ltd.
POC-W212IP54 ADVANTECH-POC-W212IP54 Datasheet
649Kb / 2P
   21.5' Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W212-A11D-ACE ADVANTECH-POC-W212-A11D-ACE Datasheet
538Kb / 2P
   21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
POC-W212C ADVANTECH-POC-W212C Datasheet
484Kb / 2P
   21.5 Widescreen Point-of-Care Terminal with Fanless and Slim Design
9-Dec-2016
POC-WP213 ADVANTECH-POC-WP213 Datasheet
1Mb / 4P
   21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
10-Sep-2021
POC-W213-IP54 ADVANTECH-POC-W213-IP54 Datasheet
1Mb / 4P
   21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
10-Sep-2021
POC-W211-A01D-ATE ADVANTECH-POC-W211-A01D-ATE Datasheet
634Kb / 2P
   21.5" Widescreen Point-of-Care Terminal with Fanless and Slim Design
logo
Axiomtek Co., Ltd.
RBOX101-6COM AXIOMTEK-RBOX101-6COM_16 Datasheet
400Kb / 2P
   Fanless and cableless design
RBOX201-4COM AXIOMTEK-RBOX201-4COM_16 Datasheet
330Kb / 2P
   Fanless and cableless design
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com