Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP7534P Datasheet(PDF) 2 Page - Semtech Corporation

Part # RCLAMP7534P
Description  Ultra Low Capacitance RClamp 4-Line ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP7534P Datasheet(HTML) 2 Page - Semtech Corporation

  RCLAMP7534P Datasheet HTML 1Page - Semtech Corporation RCLAMP7534P Datasheet HTML 2Page - Semtech Corporation RCLAMP7534P Datasheet HTML 3Page - Semtech Corporation RCLAMP7534P Datasheet HTML 4Page - Semtech Corporation RCLAMP7534P Datasheet HTML 5Page - Semtech Corporation RCLAMP7534P Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
2014 Semtech Corporation.
www.semtech.com
RClamp7534P
PROTECTION PRODUCTS
Absolute Maximum Ratings
Electrical Characteristics (T=25OC unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Reverse Stand-Off Voltage
V
RWM
Any I/O to Ground
5
V
Reverse breakdown Voltage
V
BR
I
BR = 1mA
Any I/O to Ground
6.5
9.7
11.5
V
Reverse Leakage Current
I
R
V
RWM = 5V
Any I/O to Ground
5
100
nA
Clamping Voltage
V
C
I
PP = 1A, tp = 8/20µs
15
V
I
PP = 4A, tp = 8/20µs
25
V
ESD Clamping Voltage2
V
C
I
PP = 4A
tp = 0.2/100ns
14
V
ESD Clamping Voltage2
V
C
I
PP = 16A
tp = 0.2/100ns
24
V
Dynamic Resistance2, 3
R
DYN
tp = 100ns
1.0
Ohms
Junction Capacitance
C
J
I/O pin to GND
f = 1MHz
V
R = 0V
0.19
0.22
pF
Rating
Symbol
Value
Units
Peak Pulse Current (tp = 8/20µs)
I
PP
4
A
ESD per IEC 61000-4-2 (Air)(1)
ESD per IEC 61000-4-2 (Contact)(1)
V
ESD
±25
±20
kV
Operating Temperature
T
J
-40 to +85
OC
Storage Temperature
T
STG
-55 to +150
OC
Notes
1)Measured with a 20dB attenuator, 50 Ohm scope input impedance, 2GHz bandwidth. ESD gun return path connected to ESD ground plane.
2)Transmission Line Pulse Test (TLP) Settings: tp = 100ns, tr = 0.2ns, I
TLP and VTLP averaging window: t1 = 70ns to t2 = 90ns.
3) Dynamic resistance calculated from I
TLP = 4A to ITLP = 16A


Similar Part No. - RCLAMP7534P

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
RCLAMP7534F TECHPUBLIC-RCLAMP7534F Datasheet
1Mb / 4P
   Low Capacitance TVS for LVDS Interfaces
More results

Similar Description - RCLAMP7534P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP7524T SEMTECH-RCLAMP7524T Datasheet
307Kb / 9P
   Low Capacitance RClamp 4-Line ESD protection
RCLAMP3346P SEMTECH-RCLAMP3346P Datasheet
283Kb / 9P
   Low Capacitance RClamp 6-Line ESD protection
RCLAMP3346PQ SEMTECH-RCLAMP3346PQ Datasheet
398Kb / 9P
   Low Capacitance RClamp® 6-Line ESD Protection
Rev 1.0 10/5/2016
RCLAMP0531Z SEMTECH-RCLAMP0531Z Datasheet
165Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
RCLAMP0521Z SEMTECH-RCLAMP0521Z Datasheet
295Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
logo
SYNC POWER Crop.
SPE6V8UW SYNC-POWER-SPE6V8UW Datasheet
253Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UF SYNC-POWER-SPE6V8UF_11 Datasheet
223Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UH SYNC-POWER-SPE6V8UH_11 Datasheet
229Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE6V8UW SYNC-POWER-SPE6V8UW_11 Datasheet
239Kb / 7P
   Ultra Low Capacitance 4 -Line ESD Protection Array
SPE0581 SYNC-POWER-SPE0581 Datasheet
263Kb / 6P
   Ultra Low Capacitance 4 -Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com