Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS-270-AHI Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # LS-270-AHI
Description  Industrial LCD Monitor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

LS-270-AHI Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  LS-270-AHI Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
27" Industrial LCD Monitor
Features
Flexible, low cost and high performance
For kiosk, gaming, amusement, digital signage application
27" 16:9 FHD TFT LCD display
Previum MVA with wide-view angle
For both landscape and portrait installation
Specifications
Size
27" (16:9)
Signal input
15 pin D-sub connector for VGA
Backlight
LED
OSD adjustment
Power, Enter, Left, Right, Auto
Panel type
VA
DC connector
2.5mm diameter
Pixel pitch
0.31125 mm
DC input
24 Vdc / 1.5A
Active area
597.6x336.15 mm
Consumption
36W
Brightness*
300 cd/m2
Management
VESA DPMS
Contrast
3000 : 1
Mounting
75x75, 100x100mm VESA mount
Viewing angle
178 / 178 degree
Dimension
Resolution
1920 x 1080
Net weight
Display color
16.7M (8 bit)
Packing
Response time
12 mS (on/off)
Carton size
Hor. frequency
30 ~ 86 KHz
Container loading
Ver. frequency
60 / 70 Hz
Operation
0 ~ 50 degree C
Pixel rate
165 MHz
Storage
-30 ~ 70 degree C
* Higher brightness is on demand.
Ordering information
Model selection
X:
Panel selection
Y:
Input selection
Z:
Touch selection
0:
Standard, chosen
0:
Standard, VGA/DVI
0:
Standard, none
A:
Specified LCD
V:
VGA only
G:
Glass
B:
Specified LCD
H:
VGA/DVI/HDMI
I :
IR
…etc. Specified LCD
P:
DVI/HDMI/DP
S:
SAW
S:
VGA/DVI/S-video
P:
Projective capacitive
Optional accessories
* Power adapter
Power adapter, 24V 3A
* Power cord
1.8M power cord, US / EU
* Signal cable
1.8M VGA cable, 1.8M DVI cable
Product drawing
* All specification and photos are subject to change without notice.
LS-270-XYZ
LS-270
LCD panel
Power
Package
Video
Temperature


Similar Part No. - LS-270-AHI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LS-2 ETC1-LS-2 Datasheet
13Mb / 51P
   Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
logo
Ningbo Leison Motor Co....
LS-23HM NINGBO-LS-23HM Datasheet
616Kb / 1P
   Hybrid Stepper Motor
LS-23HS NINGBO-LS-23HS Datasheet
547Kb / 1P
   Hybrid Stepper Motor
LS-23HY NINGBO-LS-23HY Datasheet
2Mb / 1P
   Hybrid Stepper Motor
LS-24HS NINGBO-LS-24HS Datasheet
601Kb / 1P
   Hybrid Stepper Motor
More results

Similar Description - LS-270-AHI

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
LS-320 AXIOMTEK-LS-320 Datasheet
104Kb / 1P
   Industrial LCD Monitor
LS-420 AXIOMTEK-LS-420 Datasheet
115Kb / 1P
   Industrial LCD Monitor
logo
Advantech Co., Ltd.
ES-3112 ADVANTECH-ES-3112 Datasheet
277Kb / 2P
   12.1 Industrial LCD Monitor
ES-3115 ADVANTECH-ES-3115 Datasheet
277Kb / 2P
   15 Industrial LCD Monitor
logo
Axiomtek Co., Ltd.
LS-550 AXIOMTEK-LS-550 Datasheet
123Kb / 1P
   Narrow Band Industrial LCD Monitor
LS-460 AXIOMTEK-LS-460 Datasheet
103Kb / 1P
   Narrow Band Industrial LCD Monitor
LD-101 AXIOMTEK-LD-101 Datasheet
131Kb / 1P
   Industrial Open Frame LCD Monitor
LD-550 AXIOMTEK-LD-550 Datasheet
116Kb / 1P
   55 Industrial Open Frame LCD Monitor
LD-104 AXIOMTEK-LD-104 Datasheet
126Kb / 1P
   10.4 Industrial Open Frame LCD Monitor
LD-170 AXIOMTEK-LD-170 Datasheet
132Kb / 1P
   17 Industrial Open Frame LCD Monitor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com