Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP3324P.TCT Datasheet(PDF) 3 Page - Semtech Corporation

Part # RCLAMP3324P.TCT
Description  Low Capacitance RailClamp 4-Line Surge and ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP3324P.TCT Datasheet(HTML) 3 Page - Semtech Corporation

  RCLAMP3324P.TCT Datasheet HTML 1Page - Semtech Corporation RCLAMP3324P.TCT Datasheet HTML 2Page - Semtech Corporation RCLAMP3324P.TCT Datasheet HTML 3Page - Semtech Corporation RCLAMP3324P.TCT Datasheet HTML 4Page - Semtech Corporation RCLAMP3324P.TCT Datasheet HTML 5Page - Semtech Corporation RCLAMP3324P.TCT Datasheet HTML 6Page - Semtech Corporation RCLAMP3324P.TCT Datasheet HTML 7Page - Semtech Corporation RCLAMP3324P.TCT Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RClamp3324P
Final Datasheet
Rev 6
Revision Date
June 9, 2015
www.semtech.com
3 of 8
Semtech
Typical Characteristics
ESD Clamping (+8kV Contact per IEC 61000-4-2)
ESD Clamping (-8kV Contact per IEC 61000-4-2)
ESD Clamping (+8kV Contact per ISO-10605)
TLP Curve (Positive Pulse)
-20
-10
0
10
20
30
40
50
60
70
80
-10
0
10
20
30
40
50
60
70
80
Time (ns)
P8KV_330 ohm_330pF
P8KV_330 Ohm_2k
Measured with 50 Ohm scope input
impedance, 2GHz bandwidth. Corrected
for 50 Ohm, 40dB attenuator. Tested per ISO‐10605
‐5
0
5
10
15
20
25
30
02468
10
DUT Voltage (V)
Transmission Line Pulse Test
(TLP) Settings:
tp = 100ns, tr = 0.2ns,
ITLP and VTLP averaging 
window:
t1 = 70ns to t2 = 90ns
‐60
‐50
‐40
‐30
‐20
‐10
0
10
20
‐10
0
10
20
30
40
50
60
70
80
Time (ns)
N8KV_330 ohm_330pF
N8KV_330 Ohm_2k
Measured with 50 Ohm scope input impedance, 2GHz 
bandwidth. Corrected for 50 Ohm, 40dB attenuator.  
Tested per ISO‐10605
‐30
‐25
‐20
‐15
‐10
‐5
0
‐6
‐5
‐4
‐3
‐2
‐10
DUT Voltage (V)
Transmission Line Pulse Test
(TLP) Settings:
tp = 100ns, tr = 0.2ns,
ITLP and VTLP averaging 
window:
t1 = 70ns to t2 = 90ns
-10
0
10
20
30
40
50
60
70
80
-10
0
10
20
30
40
50
60
70
80
90
Time (ns)
Measured with 50 Ohm scope input
impedance, 2GHz bandwidth. Corrected
for 50 Ohm, 20dB attenuator. ESD gun
return path connected to ESD ground plane.
-70
-60
-50
-40
-30
-20
-10
0
10
20
-10
0
10
20
30
40
50
60
70
80
90
Time (ns)
Measured with 50 Ohm scope input
impedance, 2GHz bandwidth. Corrected
for 50 Ohm, 20dB attenuator. ESD gun
return path connected to ESD ground plane.
ESD Clamping (-8kV Contact per ISO-10605)
TLP Curve (Negative Pulse)


Similar Part No. - RCLAMP3324P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RClamp3324P.TCT SEMTECH-RClamp3324P.TCT Datasheet
755Kb / 8P
   4-Line Surge and ESD Protection
More results

Similar Description - RCLAMP3324P.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0524PQ SEMTECH-RCLAMP0524PQ Datasheet
585Kb / 10P
   Low Capacitance RailClamp 4-Line Surge and ESD Protection
RCLAMP0594P SEMTECH-RCLAMP0594P Datasheet
604Kb / 8P
   Low Capacitance RailClamp® Line Surge and ESD Protection
Rev 2.2 11/30/2020
RCLAMP3331PQ SEMTECH-RCLAMP3331PQ Datasheet
551Kb / 7P
   RailClamp® Low Capacitance ESD and EOS Protection
Rev 2.1 9/15/2021
RCLAMP3324P SEMTECH-RCLAMP3324P_16 Datasheet
755Kb / 8P
   4-Line Surge and ESD Protection
RCLAMP2594N SEMTECH-RCLAMP2594N Datasheet
1Mb / 8P
   Low Capacitance RailClamp짰 4-Line Surge and ESD Protection for Ethernet Interfaces
logo
Texas Instruments
ESD204 TI1-ESD204 Datasheet
289Kb / 13P
[Old version datasheet]   4-Channel Low-Capacitance Surge and ESD Protection Diode
logo
Semtech Corporation
RCLAMP0564P SEMTECH-RCLAMP0564P Datasheet
781Kb / 8P
   Femto Farad RailClamp 4-Line, 170fF ESD Protection
RCLAMP3552TQ SEMTECH-RCLAMP3552TQ Datasheet
373Kb / 9P
   Low Voltage RailClamp® 2-Line ESD Protection
Rev 1.0 10/4/2016
logo
STMicroelectronics
EMIF04-1502QCF STMICROELECTRONICS-EMIF04-1502QCF_05 Datasheet
130Kb / 6P
   4 LINE LOW CAPACITANCE EMI FILTER AND ESD PROTECTION
logo
Semtech Corporation
RCLAMP0582B SEMTECH-RCLAMP0582B Datasheet
152Kb / 6P
   Low Capacitance TVS for ESD and Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com