Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP3321P Datasheet(PDF) 1 Page - Semtech Corporation

Part # RCLAMP3321P
Description  Ultra-Low Capacitance 1-Line, 3.3V ESD protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP3321P Datasheet(HTML) 1 Page - Semtech Corporation

  RCLAMP3321P Datasheet HTML 1Page - Semtech Corporation RCLAMP3321P Datasheet HTML 2Page - Semtech Corporation RCLAMP3321P Datasheet HTML 3Page - Semtech Corporation RCLAMP3321P Datasheet HTML 4Page - Semtech Corporation RCLAMP3321P Datasheet HTML 5Page - Semtech Corporation RCLAMP3321P Datasheet HTML 6Page - Semtech Corporation RCLAMP3321P Datasheet HTML 7Page - Semtech Corporation RCLAMP3321P Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.semtech.com
RClamp3321P
Ultra-Low Capacitance
1-Line, 3.3V ESD protection
PROTECTION PRODUCTS - RailClamp
7/25/2013
The RClamp®3321P provides ESD protection for USB3.0,
HDMI1.3/1.4, and other high-speed ports. It may be
used to meet the ESD immunity requirements of IEC
61000-4-2. The RClamp3321P is designed to minimize
both the ESD peak clamping and the TLP clamping. The
dynamic resistance is minimized (0.47 Ohms typical) for
optimum protection of sensitive circuits. Maximum ca-
pacitance is only 0.35pF. This allows the RClamp3321P
to be used in applications operating in excess of 5GHz
without signal attenuation. These devices are manufac-
tured using Semtech’s proprietary low voltage technol-
ogy for superior characteritics at operating voltages up
to 3.3 volts.
The RClamp3321P is in a 2-pin SLP1006P2 package. It
measures 1.0 x 0.6 x 0.5mm. The leads are spaced at a
pitch of 0.65mm and are finished with lead-free NiPdAu.
Each device will protect one line operating at 3.3 volts.
The combination of low peak ESD clamping, low dynamic
resistance, and low capacitance makes this device suit-
able for applications such as USB 3.0, HDMI and V-By-
One interfaces in portable devices.
Transient protection for data lines to
u
IEC 61000-4-2 (ESD) ±17kV (air), ±12kV (contact)
IEC 61000-4-4 (EFT) 40A (tp = 5/50ns)
Cable Discharge Event (CDE)
Ultra-small package (1.0 x 0.6 x 0.5mm)
u
Protects one data or I/O line
u
Low capacitance: 0.35pF
u
Dynamic Resistance: 0.47 Ohms Typical
u
Low ESD clamping voltage
u
Operating voltage: 3.3V
u
Solid-state silicon-avalanche technology
u
Description
Package Dimensions
Features
Applications
Schematic & Pin Configuration
SLP1006P2 package
u
Molding compound flammability rating: UL 94V-0
u
Marking: Marking code
u
Packaging: Tape and Reel
u
Lead Finish: NiPdAu
u
Pb-Free, Halogen Free, RoHS/WEEE Compliant
u
USB 3.0
u
HDMI 1.3/1.4
u
V-By-One
u
Display Port
u
MHL / MDDI
u
LVDS Interfaces
u
eSATA Interfaces
u
Mechanical Characteristics
))&( <&<
))&( <(<
&
(
Nominal Dimensions (mm)
SLP1006P2 (Bottom View)


Similar Part No. - RCLAMP3321P

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
RCLAMP3321P LEIDITECH-RCLAMP3321P Datasheet
337Kb / 4P
   1-CHANNEL ULTRA LOW CAPACITANCE ESD DIODE
Rev 2.0 : 01.06.2021
logo
TECH PUBLIC Electronics...
RCLAMP3321P TECHPUBLIC-RCLAMP3321P Datasheet
897Kb / 4P
   Low Capactionce 1-Line Bi-directional TVS Diode
logo
Guangdong Youtai Semico...
RCLAMP3321P UMW-RCLAMP3321P Datasheet
820Kb / 4P
   Ultra-small package (1.0 x 0.6 x 0.5mm)
More results

Similar Description - RCLAMP3321P

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0531TQ SEMTECH-RCLAMP0531TQ Datasheet
152Kb / 9P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0521P SEMTECH-RCLAMP0521P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
TPESD3301P TECHPUBLIC-TPESD3301P Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
logo
Semtech Corporation
RCLAMP1521P SEMTECH-RCLAMP1521P Datasheet
175Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
ESD5V0B03-0201 TECHPUBLIC-ESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
ESD5V0B03-1006 TECHPUBLIC-ESD5V0B03-1006 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
logo
Semtech Corporation
RCLAMP0521P SEMTECH-RCLAMP0521P_10 Datasheet
156Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP1521PQ SEMTECH-RCLAMP1521PQ Datasheet
777Kb / 9P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2431TQ SEMTECH-RCLAMP2431TQ Datasheet
126Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com