Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP2451ZA Datasheet(PDF) 6 Page - Semtech Corporation

Part # RCLAMP2451ZA
Description  Ultra Small RailClamp 1-Line, 24V ESD Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP2451ZA Datasheet(HTML) 6 Page - Semtech Corporation

  RCLAMP2451ZA Datasheet HTML 1Page - Semtech Corporation RCLAMP2451ZA Datasheet HTML 2Page - Semtech Corporation RCLAMP2451ZA Datasheet HTML 3Page - Semtech Corporation RCLAMP2451ZA Datasheet HTML 4Page - Semtech Corporation RCLAMP2451ZA Datasheet HTML 5Page - Semtech Corporation RCLAMP2451ZA Datasheet HTML 6Page - Semtech Corporation RCLAMP2451ZA Datasheet HTML 7Page - Semtech Corporation RCLAMP2451ZA Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
© 2014 Semtech Corporation
www.semtech.com
PROTECTION PRODUCTS
RClamp2451ZA
Outline Drawing - SLP0603P2X3F
Land Pattern - SLP0603P2X3F
CONTROLLING DIMENSIONS ARE IN MILLIMETERS(ANGLES IN DEGREES).
NOTES:
1.
aaa
N
E
L
e
DIM
A
0.180
0.320
0.140
0.280
0.08
2
0.160
0.300
0.355 BSC
MILLIMETERS
MAX
0.240
0.265
DIMENSIONS
MIN
0.200
NOM
0.235
0.220
0.250
BOTTOM VIEW
b
D0.580
0.620
0.600
bbb
0.10
D
E
A
B
aaa C
C
A
SEATING
PLANE
e
bbb
CA B
TOP VIEW
A1 0.000 0.010 0.050
bxN
A1
e/2
2X L
R0.025
TYP
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY .
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
2.
COMPANY 'S MANUFACTURING GUIDELINES ARE MET .
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES ).
DIM
Y
G
C
MILLIMETERS
(0.385)
0.590
0.205
0.181
DIMENSIONS
Z
X0.273
Y
Z
G
(C)
X


Similar Part No. - RCLAMP2451ZA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RClamp2451ZATFT SEMTECH-RClamp2451ZATFT Datasheet
440Kb / 8P
   1-Line, 24V ESD Protection
RCLAMP2451ZA SEMTECH-RCLAMP2451ZA_17 Datasheet
440Kb / 8P
   1-Line, 24V ESD Protection
More results

Similar Description - RCLAMP2451ZA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP1821Z SEMTECH-RCLAMP1821Z Datasheet
209Kb / 7P
   Ultra Small RailClamp 1-Line ESD protection
RCLAMP2451Y SEMTECH-RCLAMP2451Y Datasheet
343Kb / 8P
   Ultra Small RailClamp짰 1-Line, 24V ESD Protection
RCLAMP2451ZA SEMTECH-RCLAMP2451ZA_17 Datasheet
440Kb / 8P
   1-Line, 24V ESD Protection
UCLAMP1211Z SEMTECH-UCLAMP1211Z Datasheet
163Kb / 7P
   Ultra Small UClamp 1-Line ESD Protection
RCLAMP0531Z SEMTECH-RCLAMP0531Z Datasheet
165Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
RCLAMP0521Z SEMTECH-RCLAMP0521Z Datasheet
295Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
RCLAMP3331Y SEMTECH-RCLAMP3331Y Datasheet
366Kb / 8P
   Ultra Small RailClamp짰 1-Line, 3.3V ESD Protection
UCLAMP0551Y SEMTECH-UCLAMP0551Y Datasheet
136Kb / 7P
   Ultra Small 關Clamp짰 1-Line ESD Protection
UCLAMP3321ZA SEMTECH-UCLAMP3321ZA Datasheet
588Kb / 6P
   Ultra Small UClamp 1-Line, 3.3V ESD Protection
RCLAMP5011ZA SEMTECH-RCLAMP5011ZA Datasheet
660Kb / 6P
   Ultra Small RClamp짰 1-Line, 5V ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com