Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP2431TQ.TCT Datasheet(PDF) 7 Page - Semtech Corporation

Part # RCLAMP2431TQ.TCT
Description  Ultra-Low Capacitance 1-Line ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP2431TQ.TCT Datasheet(HTML) 7 Page - Semtech Corporation

  RCLAMP2431TQ.TCT Datasheet HTML 1Page - Semtech Corporation RCLAMP2431TQ.TCT Datasheet HTML 2Page - Semtech Corporation RCLAMP2431TQ.TCT Datasheet HTML 3Page - Semtech Corporation RCLAMP2431TQ.TCT Datasheet HTML 4Page - Semtech Corporation RCLAMP2431TQ.TCT Datasheet HTML 5Page - Semtech Corporation RCLAMP2431TQ.TCT Datasheet HTML 6Page - Semtech Corporation RCLAMP2431TQ.TCT Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
© 2011 Semtech Corp.
www.semtech.com
RClamp2431TQ
PROTECTION PRODUCTS
Marking
Tape and Reel Specification
Ordering Information
Notes:
1) Marking will also include line matrix date code
2) Device is electrically symmetrical
7T
Note: Lead finish is lead-free NiPdAu.
RailClamp and RClamp are marks of Semtech Corporation.
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
o
W
e
g
a
t
l
o
V
r
e
p
y
t
Q
l
e
e
R
l
e
e
R
e
z
i
S
T
C
T
.
Q
T
1
3
4
2
p
m
a
l
C
RV
4
20
0
0
,
3h
c
n
I
7
e
p
a
T
h
t
d
i
W
)
x
a
M
(
,
BD
1
DE
F
K
)
x
a
M
(
P0
P2
P
T
)
x
a
M
(
W
m
m
8
m
m
2
.
4
)
5
6
1
.(
1
.
0
+
5
.
1
0
.
0
-
m
m
9
5
.
0
(
m
m
5
0
0
.
+
)
0
0
0
.
-
m
m
8
.
0
5
2
.
0
±
)
1
3
0
.(
1
.
0
±
0
5
7
.
1
m
m
)
4
0
0
.
±
9
6
0
.(
5
0
.
0
±
5
.
3
m
m
)
2
0
0
.
±
8
3
1
.(
m
m
4
.
2
)
4
9
0
.(
0
1
.
0
±
0
.
4
m
m
)
4
0
0
.
±
7
5
1
.(
m
m
1
.
0
±
0
.
4
)
4
0
0
.
±
7
5
1
.(
5
0
.
0
±
0
.
2
m
m
)
2
0
0
.
±
9
7
0
.(
m
m
4
.
0
)
6
1
0
.(
m
m
0
.
8
m
m
3
.
0
+
m
m
1
.
0
-
)
2
1
0
.
±
2
1
3
.(
0
A0
B0
K
m
m
0
1
.
0
-
/
+
9
6
.
0m
m
0
1
.
0
-
/
+
9
1
.
1m
m
0
1
.
0
-
/
+
6
6
.
0
Device Orientation in Tape
Cathode Bar Location
User Direction of feed
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Rd., Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804


Similar Part No. - RCLAMP2431TQ.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP2431T SEMTECH-RCLAMP2431T Datasheet
115Kb / 6P
   Ultra-Low Capacitance 1-Line ESD protection
RClamp2431T.TCT SEMTECH-RClamp2431T.TCT Datasheet
115Kb / 6P
   Ultra-Low Capacitance 1-Line ESD protection
More results

Similar Description - RCLAMP2431TQ.TCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0531TQ SEMTECH-RCLAMP0531TQ Datasheet
152Kb / 9P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0521P SEMTECH-RCLAMP0521P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
TPESD3301P TECHPUBLIC-TPESD3301P Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
logo
Semtech Corporation
RCLAMP1521P SEMTECH-RCLAMP1521P Datasheet
175Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
ESD5V0B03-0201 TECHPUBLIC-ESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
ESD5V0B03-1006 TECHPUBLIC-ESD5V0B03-1006 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
logo
Semtech Corporation
RCLAMP0521P SEMTECH-RCLAMP0521P_10 Datasheet
156Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP1521PQ SEMTECH-RCLAMP1521PQ Datasheet
777Kb / 9P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
GBLC05C-TP TECHPUBLIC-GBLC05C-TP Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com