Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP0531TQTCT Datasheet(PDF) 3 Page - Semtech Corporation

Part # RCLAMP0531TQTCT
Description  Ultra-Low Capacitance 1-Line ESD protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0531TQTCT Datasheet(HTML) 3 Page - Semtech Corporation

  RCLAMP0531TQTCT Datasheet HTML 1Page - Semtech Corporation RCLAMP0531TQTCT Datasheet HTML 2Page - Semtech Corporation RCLAMP0531TQTCT Datasheet HTML 3Page - Semtech Corporation RCLAMP0531TQTCT Datasheet HTML 4Page - Semtech Corporation RCLAMP0531TQTCT Datasheet HTML 5Page - Semtech Corporation RCLAMP0531TQTCT Datasheet HTML 6Page - Semtech Corporation RCLAMP0531TQTCT Datasheet HTML 7Page - Semtech Corporation RCLAMP0531TQTCT Datasheet HTML 8Page - Semtech Corporation RCLAMP0531TQTCT Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
© 2012 Semtech Corp.
www.semtech.com
RClamp0531TQ
PROTECTION PRODUCTS
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
Typical Capacitance vs. Reverse Voltage
Clamping Voltage vs. Peak Pulse Current
Insertion Loss S21
1 2
3
4
5
START. 030 MHz
3
STOP
000.000000 MHz
CH1 S21
LOG
6 dB / REF 0 dB
1: -0.15390 dB
800 MHz
2: -0.1480 dB
900 MHz
3: 0.01210 dB
1.8 GHz
4: 0.09410 dB
2.5 GHz
0 dB
-6 dB
-12 dB
-18 dB
-24 dB
-30 dB
-36 dB
1
GHz
100
MHz
3
GHz
10
MHz
1
MHz
-42 dB
-48 dB
0
5
10
15
0
123
45
Peak Pulse Current - IPP (A)
TA=25
OC
Waveform Parameters:
tr = 8µs; td = 20µs
4773.1 R2
0
0.1
0.2
0.3
0.4
0.5
0.6
0
123
45
6
Reverse Voltage - VR(V)
TA = 25
OC
f = 1 MHz
4773.1 R2
0.01
0.1
1
0.1
1
10
100
1000
Pulse Duration - tp (µs)
DR040412-80
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature - TA (
OC)
DR040512_25_125_150
USB 2.0 Eye Pattern with RClamp0531TQ


Similar Part No. - RCLAMP0531TQTCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0531T SEMTECH-RCLAMP0531T Datasheet
131Kb / 8P
   Ultra-Low Capacitance 1-Line ESD protection
logo
Shanghai Leiditech Elec...
RCLAMP0531T LEIDITECH-RCLAMP0531T Datasheet
2Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
Guangdong Youtai Semico...
RCLAMP0531T UMW-RCLAMP0531T Datasheet
292Kb / 4P
   Ultra-small package (1.0 x 0.6 x 0.4mm)
logo
Semtech Corporation
RClamp0531T.TCT SEMTECH-RClamp0531T.TCT Datasheet
131Kb / 8P
   Ultra-Low Capacitance 1-Line ESD protection
logo
Guangdong Youtai Semico...
RCLAMP0531T.TCT UMW-RCLAMP0531T.TCT Datasheet
292Kb / 4P
   Ultra-small package (1.0 x 0.6 x 0.4mm)
More results

Similar Description - RCLAMP0531TQTCT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0821P SEMTECH-RCLAMP0821P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP0521P SEMTECH-RCLAMP0521P Datasheet
181Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
TPESD3301P TECHPUBLIC-TPESD3301P Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
logo
Semtech Corporation
RCLAMP1521P SEMTECH-RCLAMP1521P Datasheet
175Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
ESD5V0B03-0201 TECHPUBLIC-ESD5V0B03-0201 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
ESD5V0B03-1006 TECHPUBLIC-ESD5V0B03-1006 Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
logo
Semtech Corporation
RCLAMP0521P SEMTECH-RCLAMP0521P_10 Datasheet
156Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP1521PQ SEMTECH-RCLAMP1521PQ Datasheet
777Kb / 9P
   Ultra-Low Capacitance 1-Line ESD protection
RCLAMP2431TQ SEMTECH-RCLAMP2431TQ Datasheet
126Kb / 7P
   Ultra-Low Capacitance 1-Line ESD protection
logo
TECH PUBLIC Electronics...
GBLC05C-TP TECHPUBLIC-GBLC05C-TP Datasheet
1Mb / 4P
   Ultra-Low Capacitance 1-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com