Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCLAMP0521Z Datasheet(PDF) 5 Page - Semtech Corporation

Part # RCLAMP0521Z
Description  Ultra Small RClamp 1-Line ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0521Z Datasheet(HTML) 5 Page - Semtech Corporation

  RCLAMP0521Z Datasheet HTML 1Page - Semtech Corporation RCLAMP0521Z Datasheet HTML 2Page - Semtech Corporation RCLAMP0521Z Datasheet HTML 3Page - Semtech Corporation RCLAMP0521Z Datasheet HTML 4Page - Semtech Corporation RCLAMP0521Z Datasheet HTML 5Page - Semtech Corporation RCLAMP0521Z Datasheet HTML 6Page - Semtech Corporation RCLAMP0521Z Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
© 2014 Semtech Corporation
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
RClamp0521Z
Outline Drawing - SO-8
Land Pattern - SLP0603P2X3
Outline Drawing - SLP0603P2X3
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
2.
DIM
Y
G
C
MILLIMETERS
(0.425)
0.675
0.250
0.175
DIMENSIONS
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
Z
X
0.270
1. CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
Y
Z
X
G
(C)
aaa
N
E
L
e
DIM
A
0.18
0.355
0.14
0.285
0.08
2
0.16
0.32
0.355 BSC
MILLIMETERS
MAX
0.24
0.265
DIMENSIONS
MIN
0.20
NOM
0.235
0.22
0.25
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
1.
BOTTOM VIEW
b
D
0.585
0.655
0.62
bbb
0.10
D
E
A
B
aaa C
C
A
SEATING
PLANE
e
bbb
C A B
TOP VIEW
A1 0.000
0.02
0.025
bxN
2xL
A1
e/2


Similar Part No. - RCLAMP0521Z

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
RCLAMP0521Z LEIDITECH-RCLAMP0521Z Datasheet
2Mb / 4P
   ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev : 03.07.2021
logo
Semtech Corporation
RClamp0521Z.TFT SEMTECH-RClamp0521Z.TFT Datasheet
301Kb / 8P
   1-Line ESD protection
RClamp0521Z.TNT SEMTECH-RClamp0521Z.TNT Datasheet
301Kb / 8P
   1-Line ESD protection
RCLAMP0521Z SEMTECH-RCLAMP0521Z_15 Datasheet
301Kb / 8P
   1-Line ESD protection
More results

Similar Description - RCLAMP0521Z

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0531Z SEMTECH-RCLAMP0531Z Datasheet
165Kb / 7P
   Ultra Small RClamp 1-Line ESD protection
RCLAMP1851ZA SEMTECH-RCLAMP1851ZA Datasheet
612Kb / 7P
   Ultra Small RClamp 1-Line, 18V ESD Protection
RCLAMP7534P SEMTECH-RCLAMP7534P Datasheet
1Mb / 6P
   Ultra Low Capacitance RClamp 4-Line ESD Protection
RCLAMP1821Z SEMTECH-RCLAMP1821Z Datasheet
209Kb / 7P
   Ultra Small RailClamp 1-Line ESD protection
UCLAMP1211Z SEMTECH-UCLAMP1211Z Datasheet
163Kb / 7P
   Ultra Small UClamp 1-Line ESD Protection
RCLAMP3331Y SEMTECH-RCLAMP3331Y Datasheet
366Kb / 8P
   Ultra Small RailClamp짰 1-Line, 3.3V ESD Protection
UCLAMP0551Y SEMTECH-UCLAMP0551Y Datasheet
136Kb / 7P
   Ultra Small 關Clamp짰 1-Line ESD Protection
UCLAMP3321ZA SEMTECH-UCLAMP3321ZA Datasheet
588Kb / 6P
   Ultra Small UClamp 1-Line, 3.3V ESD Protection
RCLAMP5011ZA SEMTECH-RCLAMP5011ZA Datasheet
660Kb / 6P
   Ultra Small RClamp짰 1-Line, 5V ESD Protection
UCLAMP0541Z SEMTECH-UCLAMP0541Z Datasheet
176Kb / 8P
   Ultra Small 關Clamp짰 1-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com