Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH395320480ACNUNNTFCWN Datasheet(PDF) 5 Page - Jewel Hill Electronic

Part # JH395320480ACNUNNTFCWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH395320480ACNUNNTFCWN Datasheet(HTML) 5 Page - Jewel Hill Electronic

  JH395320480ACNUNNTFCWN Datasheet HTML 1Page - Jewel Hill Electronic JH395320480ACNUNNTFCWN Datasheet HTML 2Page - Jewel Hill Electronic JH395320480ACNUNNTFCWN Datasheet HTML 3Page - Jewel Hill Electronic JH395320480ACNUNNTFCWN Datasheet HTML 4Page - Jewel Hill Electronic JH395320480ACNUNNTFCWN Datasheet HTML 5Page - Jewel Hill Electronic JH395320480ACNUNNTFCWN Datasheet HTML 6Page - Jewel Hill Electronic JH395320480ACNUNNTFCWN Datasheet HTML 7Page - Jewel Hill Electronic JH395320480ACNUNNTFCWN Datasheet HTML 8Page - Jewel Hill Electronic JH395320480ACNUNNTFCWN Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
JH395320480A
VER: 1.0
- 4 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
Operating Ambient temperature
T
BBBBBBBBB
OP
BBBBBBBBB
-20
-
70
Note:
*1)
Liquid Crystal driving voltage.
Due to the characteristics of LC Material, this voltage vary with environmental
temperature.
*2) Temp.>60℃, Absolute humidity shall be less than 90%RH at 60℃
*3) Temp.≤60℃, 90%RH MAX.
4.Electrical Specification
Main Window Display
(Unless specified, the ambient temperature Ta=25℃)
Properties
Sym.
Min
Typ.
Max
Unit
Note
Power for Circuit Driving
VDD
1.65
2.8
3.3
V
Note
Power for Circuit Logic
VCI
2.7
2.8
3.3
V
Note
BLU Driving Logic
Vbat
-
-
-
V
Low Voltage
VIL
0
-
0.2VDD
V
Logic Input
Voltage
High Voltage
VIH
0.8VDD
-
VDD
V
Low Voltage
VOL
0
-
0.1VDD
V
Logic Output
Voltage
High Voltage
VOH
0.9VDD
-
VDD
V
White
P
BBBBBBBBB
w
BBBBBBBBB
T.B.D
T.B.D
T.B.D
mW
Black
P
BBBBBBBBB
b
BBBBBBBBB
T.B.D
T.B.D
T.B.D
mW
Power
Consumption
Vertical Stripe
P
BBBBBBBBB
v
BBBBBBBBB
T.B.D
T.B.D
T.B.D
mW
Note:
The recommended operating conditions refer to a range in which operation of this
product is guaranteed. Should this range is exceeded, the operation cannot be
guaranteed even if the values may be without the absolute maximum ratings.
Accordingly, please make sure that the module is used within this range. And these
current values are measured under the condition that all devices are stopped, each
component is stable and logic signal is input.


Similar Part No. - JH395320480ACNUNNTFCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH395320480B JHE-JH395320480B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH395320480BCNDMNFFCWC JHE-JH395320480BCNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH395320480BCNDMNFFCWN JHE-JH395320480BCNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH395320480BCNDMNFFEWC JHE-JH395320480BCNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH395320480BCNDMNFFEWN JHE-JH395320480BCNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH395320480ACNUNNTFCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com