Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACJT1635-10B Datasheet(PDF) 4 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # ACJT1635-10B
Description  16A TRIACs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

ACJT1635-10B Datasheet(HTML) 4 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  ACJT1635-10B Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1635-10B Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1635-10B Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1635-10B Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd ACJT1635-10B Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ACJT16 Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 4 / 5-
http://www.jjwdz.com
PACKAGE MECHANICAL DATA
JIE
A
C2
C3
C
E
G
B
L2
Φ
Max
3.
8m
m
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
B
C
C2
C3
D
E
F
G
H
L1
L2
L3
4.40
0.61
0.46
1.21
4.60
0.88
0.70
1.32
0.173
0.024
0.018
0.048
0.181
0.035
0.028
0.052
2.40
2.72
9.60
28.0
29.8
1.102
1.173
1.14
1.70
0.045
0.067
0.094
0.107
8.60
9.70
2.54
0.1
V1
0.339
0.382
10.4
0.378
0.409
6.20
6.60
0.244
0.260
2.65
2.95
0.104
0.116
45
°
45
°
3.75
0.148
TO-220B Non-Ins
A
E
G
B
C
C2
Φ
Max
3
.5mm
C3
L2
Dimensions
Millimeters
Inches
Ref.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
B
C
C2
C3
D
E
F
G
H
L1
L2
L3
4.40
0.74
0.48
2.40
4.80
0.83
0.75
2.70
0.173
0.029
0.019
0.094
0.189
0.033
0.030
0.106
2.60
3.00
9.70
28.0
29.8
1.102
1.173
1.14
1.70
0.045
0.067
0.102
0.118
8.80
9.30
2.54
0.1
V1
0.346
0.366
10.3
0.382
0.406
6.40
7.00
0.252
0.276
3.30
0.130
45°
3.63
0.143
0.80
0.031
45°
TO-220F Ins


Similar Part No. - ACJT1635-10B

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
ACJT10 JIEJIE-ACJT10 Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10A JIEJIE-ACJT1010-10A Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10B JIEJIE-ACJT1010-10B Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
ACJT1010-10F JIEJIE-ACJT1010-10F Datasheet
361Kb / 5P
   The ACJT10 series of double mesa technology provide high interference immunity
More results

Similar Description - ACJT1635-10B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA16-800B TGS-BTA16-800B Datasheet
142Kb / 1P
   16A TRIACS
logo
Unisonic Technologies
BTA16A UTC-BTA16A_15 Datasheet
195Kb / 4P
   16A TRIACS
BTB16A UTC-BTB16A_15 Datasheet
169Kb / 4P
   16A TRIACS
BTB16A UTC-BTB16A Datasheet
162Kb / 4P
   16A TRIACS
BTA16A UTC-BTA16A Datasheet
169Kb / 4P
   16A TRIACS
logo
SiPower Inc.
BTA16 SIPOWER-BTA16 Datasheet
1Mb / 6P
   16A Triacs
logo
STMicroelectronics
BTA16 STMICROELECTRONICS-BTA16 Datasheet
99Kb / 9P
   16A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST139 JIEJIE-JST139 Datasheet
394Kb / 6P
   16A TRIACs
logo
Tiger Electronic Co.,Lt...
BTB16-600B TGS-BTB16-600B Datasheet
87Kb / 1P
   16A TRIACS
logo
SiPower Inc.
BTA316X SIPOWER-BTA316X Datasheet
1Mb / 7P
   16A Triacs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com