Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH43480800BCNSMNFFCWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH43480800BCNSMNFFCWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH43480800BCNSMNFFCWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH43480800BCNSMNFFCWN Datasheet HTML 6Page - Jewel Hill Electronic JH43480800BCNSMNFFCWN Datasheet HTML 7Page - Jewel Hill Electronic JH43480800BCNSMNFFCWN Datasheet HTML 8Page - Jewel Hill Electronic JH43480800BCNSMNFFCWN Datasheet HTML 9Page - Jewel Hill Electronic JH43480800BCNSMNFFCWN Datasheet HTML 10Page - Jewel Hill Electronic JH43480800BCNSMNFFCWN Datasheet HTML 11Page - Jewel Hill Electronic JH43480800BCNSMNFFCWN Datasheet HTML 12Page - Jewel Hill Electronic JH43480800BCNSMNFFCWN Datasheet HTML 13Page - Jewel Hill Electronic JH43480800BCNSMNFFCWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH43480800B
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
NC
NC
2
NC
NC
3
NC
NC
4
NC
NC
5
NC
NC
6
NC
NC
7
NC
NC
8
SDO
SPI interface output in
9
SDI
SPI interface input in
10
GND
Ground
11
SCL
In SPI mode it serves as synchronus clock
12
CS
Chip select input pin
13
RESET
System Reset Pin
14
GND
Ground
15~19
DR4~DR0
5bits Red data
20
GND
Ground
21~26
DG5~DG0
6bits Green data
27
GND
Ground
28~32
DB4~DB0
5bits Blue data
33
DE
Data Enable signal
34
GND
Ground
35
PCLK
Dot clock signal
36
GND
Ground
37
HS
RGB I/F line synchronous signal
38
VS
RGB I/F frame synchronous signal
39
IOVDD
Power Supply(2.8V/1.8V)
40
VCI
Power Supply2.8V
41
NC
NC
42
LEDK
LED-
43
LEDK
LED-
44
LEDA
LED+
45
GND
Ground


Similar Part No. - JH43480800BCNSMNFFCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH43480800A JHE-JH43480800A Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800ACNDMNFFCWC JHE-JH43480800ACNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800ACNDMNFFCWN JHE-JH43480800ACNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800ACNDMNFFEWC JHE-JH43480800ACNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH43480800ACNDMNFFEWN JHE-JH43480800ACNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH43480800BCNSMNFFCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com