Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3808G125DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3808G125DBVR
Description  Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3808G125DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS3808G125DBVR Datasheet HTML 1Page - Texas Instruments TPS3808G125DBVR Datasheet HTML 2Page - Texas Instruments TPS3808G125DBVR Datasheet HTML 3Page - Texas Instruments TPS3808G125DBVR Datasheet HTML 4Page - Texas Instruments TPS3808G125DBVR Datasheet HTML 5Page - Texas Instruments TPS3808G125DBVR Datasheet HTML 6Page - Texas Instruments TPS3808G125DBVR Datasheet HTML 7Page - Texas Instruments TPS3808G125DBVR Datasheet HTML 8Page - Texas Instruments TPS3808G125DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1.5
2.5
3.5
4.5
5.5
6.5
4.0
3.5
3.0
2.5
2.0
1.5
V
(V)
DD
-40 C
°
25 C
85 C
125 C
°
°
°
1.2 V
3.3 V
TPS3808G12
TPS3808G33
DSP
SENSE
V
DD
V
DD
SENSE
V
I/O
V
CORE
GPIO
GND
GND
GND
RESET
MR
C
T
C
T
RESET
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS3808
SBVS050K – MAY 2004 – REVISED OCTOBER 2015
TPS3808 Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
1 Features
3 Description
The TPS3808 family of microprocessor supervisory
1
Power-On Reset Generator with Adjustable Delay
circuits monitors system voltages from 0.4 V to 5 V,
Time: 1.25 ms to 10 s
asserting an open-drain RESET signal when the
Very Low Quiescent Current: 2.4
μA Typical
SENSE voltage drops below a preset threshold or
High Threshold Accuracy: 0.5% Typ
when the manual reset (MR) pin drops to a logic low.
The RESET output remains low for the user-
Fixed Threshold Voltages for Standard Voltage
adjustable delay time after the SENSE voltage and
Rails from 0.9 V to 5 V and Adjustable Voltage
manual reset (MR) return above the respective
Down to 0.4 V Are Available
thresholds.
Manual Reset (MR) Input
The TPS3808 device uses a precision reference to
Open-Drain RESET Output
achieve 0.5% threshold accuracy for VIT ≤ 3.3 V. The
Temperature Range: –40°C to 125°C
reset
delay
time
can
be
set
to
20
ms
by
disconnecting the CT pin, 300 ms by connecting the
Small SOT-23 and 2-mm × 2-mm WSON
CT pin to VDD using a resistor, or can be user-
Packages
adjusted between 1.25 ms and 10 s by connecting
the CT pin to an external capacitor. The TPS3808
2 Applications
device has a very low typical quiescent current of
DSP or Microcontroller Applications
2.4
μA, so it is well-suited to battery-powered
applications. It is available in the SOT-23 and 2-mm ×
Notebook and Desktop Computers
2-mm WSON packages, and is fully specified over a
PDAs and Hand-Held Products
temperature range of –40°C to 125°C (TJ).
Portable and Battery-Powered Products
FPGA and ASIC Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOT-23 (6)
2.90 mm x 1.60 mm
TPS3808
WSON (6)
2.00 mm x 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Supply Current vs Supply Voltage
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS3808G125DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125DBVR TI-TPS3808G125DBVR Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125DBVR TI-TPS3808G125DBVR Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125DBVR TI-TPS3808G125DBVR Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125DBVR TI-TPS3808G125DBVR Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G125DBVR TI-TPS3808G125DBVR Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G125DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com