Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG02A-0745B13201 Datasheet(PDF) 3 Page - SICK AG

Part # MLG02A-0745B13201
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

MLG02A-0745B13201 Datasheet(HTML) 3 Page - SICK AG

  MLG02A-0745B13201 Datasheet HTML 1Page - SICK AG MLG02A-0745B13201 Datasheet HTML 2Page - SICK AG MLG02A-0745B13201 Datasheet HTML 3Page - SICK AG MLG02A-0745B13201 Datasheet HTML 4Page - SICK AG MLG02A-0745B13201 Datasheet HTML 5Page - SICK AG MLG02A-0745B13201 Datasheet HTML 6Page - SICK AG MLG02A-0745B13201 Datasheet HTML 7Page - SICK AG MLG02A-0745B13201 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MLG02A-0745B13201 | MLG-2 Pro
MEASURING AUTOMATION LIGHT GRIDS
2016-01-29 09:44:08 | Online data sheet
Subject to change without notice
AUTOMATION LIGHT GRIDS | SICK
3
IO-Link
Data interface
2 x analog + 2 x I/O (IO-Link)
Fieldbus, industrial network
IO-Link
Type of fieldbus integration
Integrated in the device
Mechanics/electronics
Wave length
850 nm
Supply voltage Vs
DC 18 V ... 30 V 1)
Power consumption sender
≥ 69.95 mA 2)
Power consumption receiver
≥ 179.8 mA 2)
Ripple
< 5 Vpp
Output current Imax.
≤ 100 mA
Output load capacitive
100 nF
Output load inductive
1 H
Initialization time
< 1 s
Dimensions (W x H x D)
34 mm x 822.25 mm x 30.6 mm
Housing material
Aluminum
Indication
LED
Enclosure rating
IP 65, IP 67
Circuit protection
UV connections, reverse polarity protected, Output Q short-circuit protected, Interference pulse
suppression
Weight
≥ 1.745 kg
Front screen
PMMA
Option
Nonexistent
1) Without load.
2) Without load with 24 V.
Ambient data
Protection class
III
EMC
EN 60947-5-2
Ambient temperature
Operation: –30 °C ... +55 °C
Storage: –40 °C ... +70 °C
Ambient light immunity
Direct: 150,000 lx 1)
Indirect: 150,000 lx 2)
Vibration resistance
Sinusoidal oscillation 10-150 Hz 5 g
Shock load
Continuous shocks 10 g, 16 ms, 1000 shocks
Single shocks 15 g, 11 ms 3 per axle
1) Outdoor mode.
2) Light resistance indirect.


Similar Part No. - MLG02A-0745B13201

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG02A-0745I13201 SICK-MLG02A-0745I13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02A-0745R13201 SICK-MLG02A-0745R13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - MLG02A-0745B13201

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG1-0140A812 SICK-MLG1-0140A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-0140F412 SICK-MLG1-0140F412 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG05A-0445B10501 SICK-MLG05A-0445B10501 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-1940F812 SICK-MLG1-1940F812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I812 SICK-MLG1-2390I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I822 SICK-MLG1-2390I822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0140F212 SICK-MLG2-0140F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0440F822 SICK-MLG2-0440F822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0580A812 SICK-MLG2-0580A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-1640F212 SICK-MLG2-1640F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com