Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1215334 Datasheet(PDF) 4 Page - SICK AG

Part # 1215334
Description  MEASURING AUTOMATION LIGHT GRIDS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1215334 Datasheet(HTML) 4 Page - SICK AG

  1215334 Datasheet HTML 1Page - SICK AG 1215334 Datasheet HTML 2Page - SICK AG 1215334 Datasheet HTML 3Page - SICK AG 1215334 Datasheet HTML 4Page - SICK AG 1215334 Datasheet HTML 5Page - SICK AG 1215334 Datasheet HTML 6Page - SICK AG 1215334 Datasheet HTML 7Page - SICK AG 1215334 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
MLG02A-0145I13201 | MLG-2 Pro
MEASURING AUTOMATION LIGHT GRIDS
4
AUTOMATION LIGHT GRIDS | SICK
Online data sheet | 2016-01-29 09:44:08
Subject to change without notice
Dimensional drawing (Dimensions in mm (inch))
M12; 8pol
1
2
Sender
Sender
15 (.59)
15 (.59)
34 (1.34)
34 (1.34)
Receiver
Receiver
30.6 (1.20)
30.6 (1.20)
M12; 5pol
M12; 4pol
3
3
A 1)
Beam separation 2.5 mm
62.25 (2.45)
17.25 (2.45)
Beam separation 5 mm
63.3 (2.49)
16.1 (0.63)
Beam separation 10 mm
68.3 (2.69)
16.1 (0.63)
Beam separation 25 mm
83.3 (3.28)
16.1 (0.63)
Beam separation 50 mm
108.3 (4.26)
16.1 (0.63)
1) Distance: MLG-2 edge - first beam
2) Distance: MLG-2 edge - last beam
B 1)
①  Detection height (see optical performance)
②  Beam separation (RM)
③  Status indicator: green, yellow, red LEDs


Similar Part No. - 1215334

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1215330000 ETC2-1215330000 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
SICK AG
1215335 SICK-1215335 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
More results

Similar Description - 1215334

ManufacturerPart #DatasheetDescription
logo
SICK AG
MLG1-0140A812 SICK-MLG1-0140A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-0140F412 SICK-MLG1-0140F412 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG02A-0745B13201 SICK-MLG02A-0745B13201 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG05A-0445B10501 SICK-MLG05A-0445B10501 Datasheet
1Mb / 8P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-1940F812 SICK-MLG1-1940F812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I812 SICK-MLG1-2390I812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG1-2390I822 SICK-MLG1-2390I822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0140F212 SICK-MLG2-0140F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0440F822 SICK-MLG2-0440F822 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-0580A812 SICK-MLG2-0580A812 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
MLG2-1640F212 SICK-MLG2-1640F212 Datasheet
1Mb / 7P
   MEASURING AUTOMATION LIGHT GRIDS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com