Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH395320480CCNDWNTZEWN Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH395320480CCNDWNTZEWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH395320480CCNDWNTZEWN Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH395320480CCNDWNTZEWN Datasheet HTML 6Page - Jewel Hill Electronic JH395320480CCNDWNTZEWN Datasheet HTML 7Page - Jewel Hill Electronic JH395320480CCNDWNTZEWN Datasheet HTML 8Page - Jewel Hill Electronic JH395320480CCNDWNTZEWN Datasheet HTML 9Page - Jewel Hill Electronic JH395320480CCNDWNTZEWN Datasheet HTML 10Page - Jewel Hill Electronic JH395320480CCNDWNTZEWN Datasheet HTML 11Page - Jewel Hill Electronic JH395320480CCNDWNTZEWN Datasheet HTML 12Page - Jewel Hill Electronic JH395320480CCNDWNTZEWN Datasheet HTML 13Page - Jewel Hill Electronic JH395320480CCNDWNTZEWN Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH395320480C
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
LED_K6
LEDK1-
2
LED_K5
LED-
3
LED_K4
LED-
4
LED_K3
LED-
5
LED_K2
LED-
6
LED_K1
LED-
7
LED_A
LED+
8
GND
Ground
9
LED_K7
LED-
10
LED_K8
LED-
11
IM0
The MPU system interface mode select pin 0
12
IM1
The MPU system interface mode select pin 1
13
IM2
The MPU system interface mode select pin 2
14
RESET
System Reset Pin
15
NC
NC
16-18
NC
NC
19-36
D17-D0
Data Bus
37
NC
NC
38
NC
NC
39
RD
Read execution control pin
40
WR
Write execution control pin
41
RS
Data/Command Write Select pin
42
CS
Chip select input pin
43
FMARK
Output a frame head pulse signal
44
IOVCC
Power Supply(1.8-2.8V)
45
VCC
Power Supply(2.8V)
46
GND
Ground
47
XR
Touch panel Right side(NC)
48
YD
Touch panel down side(NC)
49
XL
Touch panel Left side(NC)
50
YU
Touch panel Up side(NC)


Similar Part No. - JH395320480CCNDWNTZEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH395320480A JHE-JH395320480A Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFCWC JHE-JH395320480ACNDMNFFCWC Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFCWN JHE-JH395320480ACNDMNFFCWN Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFEWC JHE-JH395320480ACNDMNFFEWC Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
JH395320480ACNDMNFFEWN JHE-JH395320480ACNDMNFFEWN Datasheet
1Mb / 24P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH395320480CCNDWNTZEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com