Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC2060A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2060A
Description  Serial I/F Controlled 9-Channel Motor Driver for ODD
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2060A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC2060A Datasheet HTML 4Page - Texas Instruments TPIC2060A Datasheet HTML 5Page - Texas Instruments TPIC2060A Datasheet HTML 6Page - Texas Instruments TPIC2060A Datasheet HTML 7Page - Texas Instruments TPIC2060A Datasheet HTML 8Page - Texas Instruments TPIC2060A Datasheet HTML 9Page - Texas Instruments TPIC2060A Datasheet HTML 10Page - Texas Instruments TPIC2060A Datasheet HTML 11Page - Texas Instruments TPIC2060A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
8
TPIC2060A
SLIS166 – JULY 2015
www.ti.com
Product Folder Links: TPIC2060A
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SPMClim
Current limit
SPM_RCOM_SEL = 00
SPM_TQAJST = 00
1019.7
1133
1246.3
mA
SPM_RCOM_SEL = 01
SPM_TQAJST = 00
694.8
772
849.2
SPM_RCOM_SEL = 10
SPM_TQAJST = 00
1274.4
1416
1557.6
SPM_RCOM_SEL = 11
SPM_TQAJST = 00
1530.0
1700
1870.0
SPMClimF
Current limit fine adjust
SPM_RCOM_SEL = xx
SPM_TQAJST = 01
–4%
–5%
–6%
SPM_RCOM_SEL = xx
SPM_TQAJST = 10
–8%
–10%
–12%
SPM_RCOM_SEL = xx
SPM_TQAJST = 11
–12%
–15%
–18%
SLED MOTOR DRIVER PART
RttlSLD
Total output resistance high side
+ low side
P12 V = 10.8 to 13.2 V, IO = 500
mA
1.6
2.5
Ω
ResSLD
Resolution
10
bit
WidDZSLD
input dead band
Forward
+1Fh
Reverse
–20h
GnSLD
Sled current gain
P5V = 5 V,P12V = 12 V VSLED =
7FFh
760
880
1000
mA
VthEdetSLD
END_DET BEMF threshold
voltage
SLD_ENA = 1, SLD_ENDDET_ENA
= 1, SLEDENDTH <1:0> = 00
62
124
186
mV
SLEDENDTH<1:0> = 01
35
72
105
SLEDENDTH<1:0> = 11
80
168
250
FOCUS/TILT/TRACKING DRIVER PART
RttlAct
Each channel total output
resistance high side + low side
P5V = 4.5 to 5.5 V
、IO = 500 mA
0.7
1.1
Ω
ResACT
Resolution
12
bit
VOfstACT
Each channel output offset
voltage
DAC_code = 000h
–20
0
20
mV
GnAct
Each channel voltage gain
Magnification to 1.0 inputs
5
6
7
times
DifOff
FCS, TLT differential output offset
voltage
DIFF_TLT = 1, FCS-TLT
–40
0
40
mV
GnDAct
FCS, TLT differential gain ratio
DIFF_TLT = 1, FCS-TLT (Typ = 1)
0.89
1
1.13
LOAD DRIVER PART
RttlLOD
Total output resistance high side
+ low side
P5V12L = 4.5 V to 5.5 V
、IO = 500
mA
1.2
1.9
Ω
P5V12L = 10.8 V to 13.2 V
、IO =
500 mA
ResLOD
Resolution
12
bit
GnLOD
Voltage gain
P5V12L = 4.5 to 5.5 V
5.1
6.0
6.9
times
P5V12L = 10.8 to 13.2 V
12.6
14.0
15.4
WidDZLOD
Dead band
Forward
20h
Reverse
–21h


Similar Part No. - TPIC2060A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2010RDFDRG4 TI1-TPIC2010RDFDRG4 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2030DBTRG4 TI1-TPIC2030DBTRG4 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
More results

Similar Description - TPIC2060A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2010 TI1-TPIC2010 Datasheet
1Mb / 70P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
logo
Toshiba Semiconductor
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
   Serial controlled unipolar stepping motor driver
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
   8bit Serial controlled bipolar stepping motor driver
TB67S103AFTG TOSHIBA-TB67S103AFTG Datasheet
1Mb / 39P
   Serial-in controlled Bipolar Stepping Motor Driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
   CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TC78H670FTG TOSHIBA-TC78H670FTG Datasheet
1Mb / 42P
   Clock-in and Serial controlled Bipolar Stepping Motor Driver
2021-02-09
logo
Molex Electronics Ltd.
47300-1000 MOLEX-47300-1000 Datasheet
110Kb / 2P
   Slimline Serial ATA ODD Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com