Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC2010RDFDRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2010RDFDRG4
Description  Serial I/F Controlled 9-Channel Motor-Driver
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2010RDFDRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC2010RDFDRG4 Datasheet HTML 3Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 4Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 5Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 6Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 7Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 8Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 9Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 10Page - Texas Instruments TPIC2010RDFDRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
TPIC2010
www.ti.com
SLIS170 – DECEMBER 2015
7.5 Electrical Characteristics – Serial Port Voltage Levels
over recommended operating free-air temperature range (A5V
≈ 4.5 to 5.5 V, P5V_1, P5V_2, P5V_STP, P5V_SPM1,
P5V_SPM2 = A5V, VREF = 1.65 V, TA ≈ –20°C to 75°C; unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOMI
High-level output voltage, VOH
IOH = 1 mA
80%
V
SPIOV
SOMI
Low-level output voltage, VOL
IOL = 1 mA
20%
V
SPIOV
SIMO
High-level input voltage, VIH
70%
V
SPIOV
SIMO
Low level input voltage, VIL
20%
V
SPIOV
SIMO
Input rise/fall time
10%
→ 90% PIOV
3.5
ns
SIMO
Output rise/fall time(1)
Cload = 30 pF,10%
→ 90%
10
ns
SPIOV
SCLK
Internal pulldown resistance
200
k
SSZ
Internal pullup resistance
200
k
(1)
Specified by design
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPIC2010


Similar Part No. - TPIC2010RDFDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2030DBTRG4 TI1-TPIC2030DBTRG4 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040DBTRG4 TI1-TPIC2040DBTRG4 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
More results

Similar Description - TPIC2010RDFDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2050 TI1-TPIC2050 Datasheet
1Mb / 68P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor-Driver
TPIC2060A TI1-TPIC2060A Datasheet
1Mb / 65P
[Old version datasheet]   Serial I/F Controlled 9-Channel Motor Driver for ODD
TPIC2030 TI1-TPIC2030 Datasheet
1Mb / 61P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
TPIC2040 TI1-TPIC2040 Datasheet
1Mb / 57P
[Old version datasheet]   Serial I/F Controlled 7-Channel Motor-Driver
logo
Toshiba Semiconductor
TB67S145FTG TOSHIBA-TB67S145FTG Datasheet
1Mb / 28P
   Serial controlled unipolar stepping motor driver
TB67S105FTG TOSHIBA-TB67S105FTG Datasheet
1Mb / 30P
   8bit Serial controlled bipolar stepping motor driver
TB67S103AFTG TOSHIBA-TB67S103AFTG Datasheet
1Mb / 39P
   Serial-in controlled Bipolar Stepping Motor Driver
TB67S128FTG TOSHIBA-TB67S128FTG Datasheet
1Mb / 47P
   CLOCK-in and Serial controlled Bipolar Stepping Motor Driver
TC78H670FTG TOSHIBA-TC78H670FTG Datasheet
1Mb / 42P
   Clock-in and Serial controlled Bipolar Stepping Motor Driver
2021-02-09
logo
Maxim Integrated Produc...
MAX22200 MAXIM-MAX22200 Datasheet
874Kb / 45P
   36V, 1A Octal Integrated Serial-Controlled Solenoid and Motor Driver
Rev 0; 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com