Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS5703137CGWTMEP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS5703137CGWTMEP
Description  16- and 32-Bit RISC Flash Microcontroller
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS5703137CGWTMEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS5703137CGWTMEP Datasheet HTML 6Page - Texas Instruments TMS5703137CGWTMEP Datasheet HTML 7Page - Texas Instruments TMS5703137CGWTMEP Datasheet HTML 8Page - Texas Instruments TMS5703137CGWTMEP Datasheet HTML 9Page - Texas Instruments TMS5703137CGWTMEP Datasheet HTML 10Page - Texas Instruments TMS5703137CGWTMEP Datasheet HTML 11Page - Texas Instruments TMS5703137CGWTMEP Datasheet HTML 12Page - Texas Instruments TMS5703137CGWTMEP Datasheet HTML 13Page - Texas Instruments TMS5703137CGWTMEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 157 page
background image
TMS570LS3137-EP
SPNS230D – OCTOBER 2013 – REVISED FEBRUARY 2015
www.ti.com
4.1.1.1
GWT Package
4.1.1.1.1 Multi-Buffered Analog-to-Digital Converters (MibADC)
Table 4-1. GWT Multi-Buffered Analog-to-Digital Converters (MibADC1, MibADC2)
Pin
Signal
Default
Pull Type
Description
Type
Pull State
Signal Name
337
GWT
ADREFHI(1)
V15
Input
-
None
ADC high reference
supply
ADREFLO(1)
V16
Input
ADC low reference supply
VCCAD(1)
W15
Power
Operating supply for ADC
VSSAD
V19
Ground
-
None
ADC supply power
W16
W18
W19
AD1EVT
N19
I/O
Pull Down
Programmable,
ADC1 event trigger input,
20uA
or GPIO
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/N2HET2_PIN_nDIS
V10
I/O
Pull Up
Programmable,
ADC2 event trigger input,
20uA
or GPIO
AD1IN[0]
W14
Input
-
None
ADC1 analog input
AD1IN[1]
V17
AD1IN[2]
V18
AD1IN[3]
T17
AD1IN[4]
U18
AD1IN[5]
R17
AD1IN[6]
T19
AD1IN[7]
V14
AD1IN[8] / AD2IN[8]
P18
Input
-
None
ADC1/ADC2 shared
analog inputs
AD1IN[9] / AD2IN[9]
W17
AD1IN[10] / AD2IN[10]
U17
AD1IN[11] / AD2IN[11]
U19
AD1IN[12] / AD2IN[12]
T16
AD1IN[13] / AD2IN[13]
T18
AD1IN[14] / AD2IN[14]
R18
AD1IN[15] / AD2IN[15]
P19
AD1IN[16] / AD2IN[0]
V13
AD1IN[17] / AD2IN[1]
U13
AD1IN[18] / AD2IN[2]
U14
AD1IN[19] / AD2IN[3]
U16
AD1IN[20] / AD2IN[4]
U15
AD1IN[21] / AD2IN[5]
T15
AD1IN[22] / AD2IN[6]
R19
AD1IN[23] / AD2IN[7]
R16
(1)
The ADREFHI, ADREFLO, VCCAD and VSSAD connections are common for both ADC cores.
10
Pin Configuration and Functions
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS3137-EP


Similar Part No. - TMS5703137CGWTMEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5703137CGWTQEP TI1-TMS5703137CGWTQEP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS5703137CGWTMEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com