Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV10964FFDSNR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10964FFDSNR
Description  Three-Phase Sinusoidal Sensorless BLDC Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10964FFDSNR Datasheet(HTML) 4 Page - Texas Instruments

  DRV10964FFDSNR Datasheet HTML 1Page - Texas Instruments DRV10964FFDSNR Datasheet HTML 2Page - Texas Instruments DRV10964FFDSNR Datasheet HTML 3Page - Texas Instruments DRV10964FFDSNR Datasheet HTML 4Page - Texas Instruments DRV10964FFDSNR Datasheet HTML 5Page - Texas Instruments DRV10964FFDSNR Datasheet HTML 6Page - Texas Instruments DRV10964FFDSNR Datasheet HTML 7Page - Texas Instruments DRV10964FFDSNR Datasheet HTML 8Page - Texas Instruments DRV10964FFDSNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
DRV10964
SLDS227 – MARCH 2016
www.ti.com
Product Folder Links: DRV10964
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VCC pin supply voltage
–0.3
6
V
Motor phase pins (U, V, W)
–1
7.7
V
Direction, speed indicator input, and speed input (FR, FGS, PWM, CONFIG)
–0.3
6
V
Speed output (FG)
–0.3
7.7
V
TJ
Junction temperature
–40
150
°C
TSDR
Maximum lead soldering temperature, 10 seconds
260
°C
Tstg
Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101 (2)
±1000
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
VCC pin supply voltage
2.1
5.5
V
U, V, W
Motor phase pins
–0.7
7
V
FR, FGS, PWM, CONFIG
Direction, speed indicator input, and speed input
–0.1
5.5
V
FG
Speed output
–0.1
7.5
V
TJ
Junction temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC (1)
DRV10964
UNIT
DSN (USON)
10 PINS
Rθ JA
Junction-to-ambient thermal resistance
40.9
°C/W
Rθ JC(top)
Junction-to-case (top) thermal resistance
46.6
°C/W
Rθ JB
Junction-to-board thermal resistance
15.8
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
16
°C/W
Rθ JC(bot)
Junction-to-case (bottom) thermal resistance
2.9
°C/W


Similar Part No. - DRV10964FFDSNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10963 TI-DRV10963 Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963DSNR TI-DRV10963DSNR Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963JADSNR TI-DRV10963JADSNR Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963JADSNT TI-DRV10963JADSNT Datasheet
7Mb / 31P
[Old version datasheet]   DRV10963 5-V, Three-Phase, Sensorless BLDC Motor Driver
More results

Similar Description - DRV10964FFDSNR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MTD6502B MICROCHIP-MTD6502B Datasheet
313Kb / 20P
   5V 3-Phase BLDC Sinusoidal Sensorless Fan Motor Driver
2011
logo
Texas Instruments
DRV10983-Q1 TI1-DRV10983-Q1 Datasheet
1Mb / 72P
[Old version datasheet]   Automotive, Three-Phase, Sensorless BLDC Motor Driver
logo
Allegro MicroSystems
A5936 ALLEGRO-A5936 Datasheet
668Kb / 12P
   Three Phase Sensorless Sinusoidal Fan Driver
logo
Texas Instruments
DRV10866 TI-DRV10866 Datasheet
934Kb / 14P
[Old version datasheet]   5-V, THREE-PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974 TI1-DRV10974 Datasheet
1Mb / 29P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10963 TI-DRV10963 Datasheet
639Kb / 14P
[Old version datasheet]   5-V, THREE PHASE, SENSORLESS BLDC MOTOR DRIVER
DRV10974_1809 TI1-DRV10974_1809 Datasheet
1Mb / 40P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975_018 TI1-DRV10975_018 Datasheet
1Mb / 65P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10974_1807 TI1-DRV10974_1807 Datasheet
1Mb / 37P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
DRV10975 TI1-DRV10975 Datasheet
1Mb / 57P
[Old version datasheet]   12-V, Three-Phase, Sensorless BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com