Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8884PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8884PWPR
Description  1A Stepper Motor Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8884PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8884PWPR Datasheet HTML 2Page - Texas Instruments DRV8884PWPR Datasheet HTML 3Page - Texas Instruments DRV8884PWPR Datasheet HTML 4Page - Texas Instruments DRV8884PWPR Datasheet HTML 5Page - Texas Instruments DRV8884PWPR Datasheet HTML 6Page - Texas Instruments DRV8884PWPR Datasheet HTML 7Page - Texas Instruments DRV8884PWPR Datasheet HTML 8Page - Texas Instruments DRV8884PWPR Datasheet HTML 9Page - Texas Instruments DRV8884PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
DRV8884
SLVSDA5A – JANUARY 2016 – REVISED MARCH 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Not tested in production; limits are based on characterization data
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES (VM, DVDD, AVDD)
VVM
VM operating voltage
8
37
V
IVM
VM operating supply current
VM
≈ 8 to 35 V, ENABLE = 1,
nSLEEP = 1, No motor load
5
8
mA
IVMQ
VM sleep mode supply current
nSLEEP = 0; TA = 25°C
20
μA
nSLEEP = 0; TA = 125°C
(1)
40
tSLEEP
Sleep time
nSLEEP = 0 to sleep-mode
50
200
μs
tWAKE
Wake-up time
nSLEEP = 1 to output transition
0.85
1.5
ms
tON
Turn-on time
VM > UVLO to output transition
0.85
1.5
ms
VDVDD
Internal regulator voltage
0- to 1-mA external load
2.9
3.3
3.6
V
VAVDD
Internal regulator voltage
No external load
4.5
5.0
5.5
V
CHARGE PUMP (VCP, CPH, CPL)
VVCP
VCP operating voltage
VM > 8 V
VM + 5.5
V
LOGIC-LEVEL INPUTS (STEP, DIR, ENABLE, nSLEEP, M1)
VIL
Input logic low voltage
0
0.8
V
VIH
Input logic high voltage
1.6
5.3
V
VHYS
Input logic hysteresis
100
mV
IIL
Input logic low current
VIN = 0 V
–1
1
μA
IIH
Input logic high current
VIN = 5.0 V
100
μA
RPD
Pulldown resistance
To GND
100
k
tPD
Propagation delay
STEP to current change
1.2
μs
TRI-LEVEL INPUT (M0, TRQ)
VIL
Tri-level input logic low voltage
0
0.65
V
VIZ
Tri-level input Hi-Z voltage
1.1
V
VIH
Tri-level input logic high
voltage
1.5
5.3
V
IIL
Tri-level input logic low current
VIN = 0 V
–80
μA
IIZ
Tri-level input Hi-Z current
VIN = 1.3 V
–5
5
μA
IIH
Tri-level input logic high
current
VIN = 5.0 V
155
μA
RPD
Tri-level pulldown resistance
To GND
30
60
90
k
RPU
Tri-level pullup resistance
To DVDD
18
32
50
k
QUAD-LEVEL INPUT (DECAY)
VI1
Quad-level input voltage 1
5% resistor 5 k
Ω to GND
0.07
0.11
0.13
V
VI2
Quad-level input voltage 2
5% resistor 15 k
Ω to GND
0.24
0.32
0.40
V
VI3
Quad-level input voltage 3
5% resistor 45 k
Ω to GND
0.71
0.97
1.20
V
VI4
Quad-level input voltage 4
5% resistor 135 k
Ω to GND
2.12
2.90
3.76
V
IO
Output current
To GND
14
22
30
μA
CONTROL OUTPUTS (nFAULT)
VOL
Output logic low voltage
IO = 1 mA, RPULLUP = 4.7 kΩ
0.5
V
IOH
Output logic high leakage
VO = 5.0 V, RPULLUP = 4.7 kΩ
–1
+1
μA


Similar Part No. - DRV8884PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8884PWPR TI1-DRV8884PWPR Datasheet
2Mb / 44P
[Old version datasheet]   1.0-A Stepper Motor Driver With Integrated Current Sense
More results

Similar Description - DRV8884PWPR

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
   1A H-Bridge Stepper Motor Driver
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
   1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com