Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8884PWP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8884PWP
Description  1A Stepper Motor Driver
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8884PWP Datasheet(HTML) 5 Page - Texas Instruments

  DRV8884PWP Datasheet HTML 1Page - Texas Instruments DRV8884PWP Datasheet HTML 2Page - Texas Instruments DRV8884PWP Datasheet HTML 3Page - Texas Instruments DRV8884PWP Datasheet HTML 4Page - Texas Instruments DRV8884PWP Datasheet HTML 5Page - Texas Instruments DRV8884PWP Datasheet HTML 6Page - Texas Instruments DRV8884PWP Datasheet HTML 7Page - Texas Instruments DRV8884PWP Datasheet HTML 8Page - Texas Instruments DRV8884PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
DRV8884
www.ti.com
SLVSDA5A – JANUARY 2016 – REVISED MARCH 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
STEP input can operate up to 500 kHz, but system bandwidth is limited by the motor load
(2)
Power dissipation and thermal limits must be observed
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VM
Power supply voltage
8
37
V
VCC
Logic level input voltage
0
5.3
V
ƒPWM
Applied STEP signal (STEP)
0
100 (1)
kHz
IDVDD
DVDD external load current
0
1 (2)
mA
IFS
Motor full scale current
0
1.0
A
Irms
Motor rms current
0
0.7
A
TA
Operating ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC (1)
DRV8884
UNIT
PWP (HTSSOP)
24 PINS
RθJA
Junction-to-ambient thermal resistance
36.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.3
°C/W
RθJB
Junction-to-board thermal resistance
15.8
°C/W
ψJT
Junction-to-top characterization parameter
0.4
°C/W
ψJB
Junction-to-board characterization parameter
15.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.1
°C/W


Similar Part No. - DRV8884PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8884PWP TI1-DRV8884PWP Datasheet
2Mb / 44P
[Old version datasheet]   1.0-A Stepper Motor Driver With Integrated Current Sense
DRV8884PWPR TI1-DRV8884PWPR Datasheet
2Mb / 44P
[Old version datasheet]   1.0-A Stepper Motor Driver With Integrated Current Sense
More results

Similar Description - DRV8884PWP

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS3717A CHERRY-CS3717A Datasheet
168Kb / 8P
   1A H-Bridge Stepper Motor Driver
logo
ON Semiconductor
CS3717A ONSEMI-CS3717A Datasheet
75Kb / 8P
   1A H-Bridge Stepper Motor Driver
December, 2001 - Rev. 4
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com