Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH177128160ACNUMNFHCWN Datasheet(PDF) 6 Page - Jewel Hill Electronic

Part # JH177128160ACNUMNFHCWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH177128160ACNUMNFHCWN Datasheet(HTML) 6 Page - Jewel Hill Electronic

Back Button JH177128160ACNUMNFHCWN Datasheet HTML 2Page - Jewel Hill Electronic JH177128160ACNUMNFHCWN Datasheet HTML 3Page - Jewel Hill Electronic JH177128160ACNUMNFHCWN Datasheet HTML 4Page - Jewel Hill Electronic JH177128160ACNUMNFHCWN Datasheet HTML 5Page - Jewel Hill Electronic JH177128160ACNUMNFHCWN Datasheet HTML 6Page - Jewel Hill Electronic JH177128160ACNUMNFHCWN Datasheet HTML 7Page - Jewel Hill Electronic JH177128160ACNUMNFHCWN Datasheet HTML 8Page - Jewel Hill Electronic JH177128160ACNUMNFHCWN Datasheet HTML 9Page - Jewel Hill Electronic JH177128160ACNUMNFHCWN Datasheet HTML 10Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
JH177128160A
VER: 3.01
- 5 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
4.ELECTRICAL CHARACTERISICS.
Table 4.1:DC Characteristic (Vcc = 2.3 ~ 3.3V,
Ta=25
°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply
Voltage
Logic
Vdd
---
2.3
3.0
3.3
V
H
level
VIH
0.8Vdd
---
Vdd
Input
Voltage
L
level
VIL
---
0
---
0.2VCC
V
Current
Consumption
IDD
With internal
voltage generation;
VDD=3.0V;Tamb=2
5;
---
---
TBD
mA
LCD Driving
Voltage
VOP
---
---
TBD
---
V
5.TIMING OF POWER SUPPLY.
PLEASE REFER TO THE DRIVER IC SPECIFICATION.
6.BACKLIGHT CHARACTERISTICS.
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply
Voltage
VF
3.0
3.2
3.4
V
Supply
Current
IF
Only Backlight
40
mA
Average
Brightness
IV
Backlight Current
IF=40mA
2800
-
-
Cd/m2
X
0.283
-
0.33
CIE Color
Coordinate
(Without LCD)
Y
Backlight Current
IF=40mA
0.276
-
0.33
Uniformity
B
Backlight Current
IF=40mA
80
%
Color
White
Note: 2 LEDs in parallel connection.


Similar Part No. - JH177128160ACNUMNFHCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH177128160B JHE-JH177128160B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFCWC JHE-JH177128160BCNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFCWN JHE-JH177128160BCNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFEWC JHE-JH177128160BCNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFEWN JHE-JH177128160BCNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH177128160ACNUMNFHCWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com