Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JH177128160ACNRWNTFEWN Datasheet(PDF) 11 Page - Jewel Hill Electronic

Part # JH177128160ACNRWNTFEWN
Description  SPECIFICATIONS FOR LCD MODULE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH177128160ACNRWNTFEWN Datasheet(HTML) 11 Page - Jewel Hill Electronic

Back Button JH177128160ACNRWNTFEWN Datasheet HTML 7Page - Jewel Hill Electronic JH177128160ACNRWNTFEWN Datasheet HTML 8Page - Jewel Hill Electronic JH177128160ACNRWNTFEWN Datasheet HTML 9Page - Jewel Hill Electronic JH177128160ACNRWNTFEWN Datasheet HTML 10Page - Jewel Hill Electronic JH177128160ACNRWNTFEWN Datasheet HTML 11Page - Jewel Hill Electronic JH177128160ACNRWNTFEWN Datasheet HTML 12Page - Jewel Hill Electronic JH177128160ACNRWNTFEWN Datasheet HTML 13Page - Jewel Hill Electronic JH177128160ACNRWNTFEWN Datasheet HTML 14Page - Jewel Hill Electronic JH177128160ACNRWNTFEWN Datasheet HTML 15Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
JH177128160A
VER: 3.01
- 10 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
8.INTERFACE DESCRIPTION.
Pin
No.
Symbol
I/O
Functional
Remark
1
BL K2
Power LED Power supply
2
BL K1
Power LED Power supply
3
BL A
Power LED Power supply
4
GND
Power System ground
5
VDD
Power Power supply for the analog circuit
6
NC
No connection
7
/CS
I
Chip select pin.
8
/RESET
I
Reset signal pin
9
RS
I
Register select signal.
Low: Index register or internal status is
selected.
High: Control register is selected
10
WR
I
.80-system : WR (write strobe signal)
11
/RD
I
80-system : /RD (read strobe signal)
12~19
D0~D7
I/O
Data bus
20
GND
Power System ground
9.APPLICATION CIRCUIT.
Please consult out technical department for detail information.
10.INITIAL CODE.
Please consult out technical department for detail information.


Similar Part No. - JH177128160ACNRWNTFEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JH177128160B JHE-JH177128160B Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFCWC JHE-JH177128160BCNDMNFFCWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFCWN JHE-JH177128160BCNDMNFFCWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFEWC JHE-JH177128160BCNDMNFFEWC Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
JH177128160BCNDMNFFEWN JHE-JH177128160BCNDMNFFEWN Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JH177128160ACNRWNTFEWN

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com