Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFP064N Datasheet(PDF) 6 Page - Kersemi Electronic Co., Ltd.

Part # IRFP064N
Description  Advanced Process Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFP064N Datasheet(HTML) 6 Page - Kersemi Electronic Co., Ltd.

  IRFP064N Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFP064N Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VDS
L
D.U.T.
VDD
IAS
tp
0.01
RG
+
-
tp
VDS
IAS
VDD
V(BR)DSS
10 V
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
0
200
400
600
800
1000
1200
25
50
75
100
125
150
175
J
A
Starting T , Ju nction Te mperature (°C)
V
= 2 5V
I
TO P
24 A
4 2A
B OTTO M
59 A
DD
D
IRFP064N
2014-8-14
6
www.kersemi.com


Similar Part No. - IRFP064N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP064N IRF-IRFP064N Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=110A??
logo
Inchange Semiconductor ...
IRFP064N ISC-IRFP064N Datasheet
355Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFP064NPBF IRF-IRFP064NPBF Datasheet
2Mb / 9P
   HEXFET Power MOSFET
IRFP064NPBF IRF-IRFP064NPBF Datasheet
604Kb / 9P
   ULTRA LOW ON RESISTANCE
logo
Inchange Semiconductor ...
IRFP064NPBF ISC-IRFP064NPBF Datasheet
204Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRFP064N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com