Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF9540NL Datasheet(PDF) 10 Page - Kersemi Electronic Co., Ltd.

Part # IRF9540NL
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF9540NL Datasheet(HTML) 10 Page - Kersemi Electronic Co., Ltd.

Back Button IRF9540NL Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF9540NL Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF9540NL Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF9540NL Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF9540NL Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF9540NL Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF9540NL Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF9540NL Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. IRF9540NL Datasheet HTML 10Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Tape & Reel Information
D2Pak
3
4
4
TR R
F E E D DIRE CTIO N
1.85 ( .07 3)
1.65 ( .06 5)
1.60 (.0 6 3)
1.50 (.0 5 9)
4.10 ( .16 1)
3.90 ( .15 3)
TR L
F E E D D IRE CTIO N
10 .9 0 (.42 9)
10 .7 0 (.42 1)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.3 68 (.0145)
0.3 42 (.0135)
1 .60 (.06 3)
1 .50 (.05 9)
13.50 (.532 )
12.80 (.504 )
33 0.00
(1 4.1 73)
MA X .
2 7.4 0 ( 1.079)
2 3.9 0 ( .9 41)
60.00 (2.3 62)
M IN .
3 0.40 (1.1 97)
M A X .
26 .40 ( 1.03 9)
24 .40 ( .961 )
NO T ES :
1. C O M F O R M S TO E IA -4 18.
2. C O NTRO LLING DIM E N S IO N: M ILL IM ET ER.
3. DIM E NSIO N M EASUR E D @ HU B.
4. IN C LU D E S F LA N GE D IS TOR T ION @ OU T E R E D GE .
IRF9540NL
www.kersemi.com
10
2014-8-38


Similar Part No. - IRF9540NL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9540NL IRF-IRF9540NL Datasheet
187Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
logo
Inchange Semiconductor ...
IRF9540NL ISC-IRF9540NL Datasheet
273Kb / 2P
   isc P-Channel MOSFET Transistor
logo
International Rectifier
IRF9540NLPBF IRF-IRF9540NLPBF Datasheet
331Kb / 11P
   HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
More results

Similar Description - IRF9540NL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com